Electronic Components Datasheet Search
  English  ▼

X  

AD7327 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7327
Description  8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7327 Datasheet(HTML) 4 Page - Analog Devices

  AD7327 Datasheet HTML 1Page - Analog Devices AD7327 Datasheet HTML 2Page - Analog Devices AD7327 Datasheet HTML 3Page - Analog Devices AD7327 Datasheet HTML 4Page - Analog Devices AD7327 Datasheet HTML 5Page - Analog Devices AD7327 Datasheet HTML 6Page - Analog Devices AD7327 Datasheet HTML 7Page - Analog Devices AD7327 Datasheet HTML 8Page - Analog Devices AD7327 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Data Sheet
AD7327
Rev. B | Page 3 of 36
SPECIFICATIONS
VDD = 12 V to 16.5 V, VSS = −12 V to −16.5 V, VCC = 2.7 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, VREF = 2.5 V to 3.0 V internal/external,
fSCLK = 10 MHz, fS = 500 kSPS, TA = TMAX to TMIN, unless otherwise noted.
Table 2.
B Version
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
FIN = 50 kHz sine wave
Signal-to-Noise Ratio (SNR)2
76
dB
Differential mode, VCC = 4.75 V to 5.25 V
75.5
dB
Differential mode, VCC < 4.75 V
72.5
dB
Single-ended/pseudo differential mode; ±10 V, ±2.5 V
and ±5 V ranges, VCC = 4.75 V to 5.25 V
72
dB
Single-ended/pseudo differential mode; 0 V to 10 V
VCC = 4.75 V to 5.25 V and all ranges at VCC < 4.75 V
Signal-to-Noise + Distortion
(SINAD)2
75
dB
Differential mode; ±2.5 V and ±5 V ranges
74
Differential mode; 0 V to 10 V
76
dB
Differential mode; ±10 V range
72
dB
Single-ended/pseudo differential mode; ±2.5 V and
±5 V ranges
72.5
dB
Single-ended/pseudo differential mode; 0 V to +10 V
and ±10 V ranges
Total Harmonic Distortion
(THD)2
−80
dB
Differential mode; ±2.5 V and ±5 V ranges
−79
dB
Differential mode; 0 V to 10 V ranges
−82
dB
Differential mode; ±10 V range
−77
dB
Single-ended/pseudo differential mode; ±5 V range
−79
dB
Single-ended/pseudo differential mode; ±2.5 V range
−80
dB
Single-ended/pseudo differential mode; 0 V to +10 V
and ±10 V ranges
Peak Harmonic or Spurious
Noise (SFDR)2
−81
dB
Differential mode; ±2.5 V and ±5 V ranges
−80
dB
Differential mode; 0 V to 10 V ranges
−82
dB
Differential mode; ±10 V ranges
−78
dB
Single-ended/pseudo differential mode; ±5 V range
−80
Single-ended/pseudo differential mode; ±2.5 V range
−79
dB
Single-ended/pseudo differential mode; 0 V to +10 V
and ±10 V ranges
Intermodulation Distortion
(IMD)2
fa = 50 kHz, fb = 30 kHz
Second-Order Terms
−88
dB
Third-Order Terms
−90
dB
Aperture Delay3
7
ns
Aperture Jitter3
50
ps
Common-Mode Rejection
(CMRR)2
−79
dB
Up to 100 kHz ripple frequency; see Figure 17
Channel-to-Channel Isolation2
−72
dB
FIN on unselected channels up to 100 kHz; see Figure 14
Full Power Bandwidth
22
MHz
At 3 dB
5
MHz
At 0.1 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com