Electronic Components Datasheet Search
  English  ▼

X  

AD7327 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7327
Description  8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7327 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7327 Datasheet HTML 27Page - Analog Devices AD7327 Datasheet HTML 28Page - Analog Devices AD7327 Datasheet HTML 29Page - Analog Devices AD7327 Datasheet HTML 30Page - Analog Devices AD7327 Datasheet HTML 31Page - Analog Devices AD7327 Datasheet HTML 32Page - Analog Devices AD7327 Datasheet HTML 33Page - Analog Devices AD7327 Datasheet HTML 34Page - Analog Devices AD7327 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AD7327
Rev. B | Page 30 of 36
POWER VS. THROUGHPUT RATE
The power consumption of the AD7327 varies with throughput
rate. The static power consumed by the AD7327 is very low, and
significant power savings can be achieved as the throughput rate is
reduced. Figure 51 and Figure 52 shows the power vs. throughput
rate for the AD7327 at a VCC of 3 V and 5 V, respectively. Both
plots clearly show that the average power consumed by the
AD7327 is greatly reduced as the sample frequency is reduced.
This is true whether a fixed SCLK value is used or if it is scaled
with the sampling frequency. Figure 51 and Figure 52 show the
power consumption when operating in normal mode for a
variable SCLK that scales with the sampling frequency.
12
0
0
THROUGHPUT RATE (kSPS)
10
8
6
4
2
100
200
300
400
500
VARIABLE SCLK
VCC = 3V
VDD/VSS = ±12V
TA = 25°C
INTERNAL REFERENCE
Figure 51. Power vs. Throughput Rate with 3 V VCC
20
0
0
THROUGHPUT RATE (kSPS)
18
16
14
12
10
8
6
4
2
100
200
300
400
500
VARIABLE SCLK
VCC = 5V
VDD/VSS = ±12V
TA = 25°C
INTERNAL REFERENCE
Figure 52. Power vs. Throughput Rate with 5 V VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com