Electronic Components Datasheet Search
  English  ▼

X  

AD7623ACP Datasheet(PDF) 22 Page - Analog Devices

Part # AD7623ACP
Description  16-Bit, 1.33 MSPS PulSAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623ACP Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7623ACP Datasheet HTML 18Page - Analog Devices AD7623ACP Datasheet HTML 19Page - Analog Devices AD7623ACP Datasheet HTML 20Page - Analog Devices AD7623ACP Datasheet HTML 21Page - Analog Devices AD7623ACP Datasheet HTML 22Page - Analog Devices AD7623ACP Datasheet HTML 23Page - Analog Devices AD7623ACP Datasheet HTML 24Page - Analog Devices AD7623ACP Datasheet HTML 25Page - Analog Devices AD7623ACP Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
AD7623
Rev. 0 | Page 21 of 28
INTERFACES
DIGITAL INTERFACE
The AD7623 has a versatile digital interface that can be set up
as either a serial or parallel interface with the host system. The
serial interface is multiplexed on the parallel data bus. The
AD7623 digital interface also accommodates 2.5 V, 3.3 V, or 5 V
logic with either OVDD at 2.5 V or 3.3 V. OVDD defines the
logic high output voltage. In most applications, the OVDD
supply pin of the AD7623 is connected to the host system
interface 2.5 V or 3.3 V digital supply. Finally, by using the
OB/2C input pin, both twos complement or straight binary
coding can be used.
The two signals, CS and RD, control the interface. When at least
one of these signals is high, the interface outputs are in high
impedance. Usually, CS allows the selection of each AD7623 in
multicircuit applications and is held low in a single AD7623
design. RD is generally used to enable the conversion result on
the data bus.
RESET
The RESET input is used to reset the AD7623 and generate a
fast initialization. A rising edge on RESET aborts the current
conversion (if any) and tristates the data bus. The falling edge of
RESET clears the data bus and engages the initialization process
indicated by pulsing BUSY high. Conversions can take place
after the falling edge of BUSY. Refer to Figure 32 for the RESET
timing details.
RESET
DATA
BUSY
CNVST
t38
t39
t8
t9
Figure 32. RESET Timing
PARALLEL INTERFACE
The AD7623 is configured to use the parallel interface when
SER/PAR is held low.
Master Parallel Interface
Data can be continuously read by tying CS and RD low, thus
requiring minimal microprocessor connections. However, in
this mode, the data bus is always driven and cannot be used in
shared bus applications (unless the device is held in RESET).
Figure 33 details the timing for this mode.
t1
BUSY
DATA
BUS
PREVIOUS CONVERSION DATA
NEW DATA
CNVST
CS = RD = 0
t10
t4
t11
t3
Figure 33. Master Parallel Data Timing for Reading (Continuous Read)
Slave Parallel Interface
In slave parallel reading mode, the data can be read either after
each conversion, which is during the next acquisition phase, or
during the following conversion, as shown in Figure 34 and
Figure 35, respectively. When the data is read during the
conversion, it is recommended that it is read-only during the
first half of the conversion phase. This avoids any potential
feedthrough between voltage transients on the digital interface
and the most critical analog conversion circuitry.
CURRENT
CONVERSION
t13
t12
BUSY
DATA
BUS
RD
CS
Figure 34. Slave Parallel Data Timing for Reading (Read After Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com