Electronic Components Datasheet Search
  English  ▼

X  

AD7623ACP Datasheet(PDF) 23 Page - Analog Devices

Part # AD7623ACP
Description  16-Bit, 1.33 MSPS PulSAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623ACP Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7623ACP Datasheet HTML 19Page - Analog Devices AD7623ACP Datasheet HTML 20Page - Analog Devices AD7623ACP Datasheet HTML 21Page - Analog Devices AD7623ACP Datasheet HTML 22Page - Analog Devices AD7623ACP Datasheet HTML 23Page - Analog Devices AD7623ACP Datasheet HTML 24Page - Analog Devices AD7623ACP Datasheet HTML 25Page - Analog Devices AD7623ACP Datasheet HTML 26Page - Analog Devices AD7623ACP Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AD7623
Rev. 0 | Page 22 of 28
PREVIOUS
CONVERSION
t13
t12
t3
BUSY
DATA
BUS
CNVST,
RD
CS = 0
t4
t1
Figure 35. Slave Parallel Data Timing for Reading (Read During Convert)
8-Bit Interface (Master or Slave)
The BYTESWAP pin allows a glueless interface to an 8-bit bus.
As shown in Figure 36, when BYTESWAP is low, the LSB byte is
output on D[7:0] and the MSB is output on D[15:8]. When
BYTESWAP is high, the LSB and MSB bytes are swapped, and
the LSB is output on D[15:8] and the MSB is output on D[7:0].
By connecting BYTESWAP to an address line, the 16-bit data
can be read in two bytes on either D[15:8] or D[7:0]. This
interface can be used in both master and slave parallel reading
modes.
CS
RD
BYTESWAP
PINS D[15:8]
PINS D[7:0]
HI-Z
HI-Z
HIGH BYTE
LOW BYTE
LOW BYTE
HIGH BYTE
HI-Z
HI-Z
t12
t12
t13
Figure 36. 8-Bit and 16-Bit Parallel Interface
SERIAL INTERFACE
The AD7623 is configured to use the serial interface when
SER/PAR is held high. The AD7623 outputs 16 bits of data,
MSB first, on the SDOUT pin. This data is synchronized with
the 16 clock pulses provided on the SCLK pin. The output data
is valid on both the rising and falling edge of the data clock.
MASTER SERIAL INTERFACE
Internal Clock
The AD7623 is configured to generate and provide the serial
data clock SCLK when the EXT/INT pin is held low. The
AD7623 also generates a SYNC signal to indicate to the host
when the serial data is valid. The serial clock SCLK and the
SYNC signal can be inverted, if desired. Depending on the read
during convert input, RDC/SDIN, the data can be read after
each conversion or during the following conversion. Figure 37
and Figure 38 show detailed timing diagrams of these two
modes.
Usually, because the AD7623 is used with a fast throughput, the
master read during conversion mode is the most recommended
serial mode. In this mode, the serial clock and data toggle at
appropriate instants, minimizing potential feedthrough between
digital activity and critical conversion decisions. In this mode,
the SCLK period changes since the LSBs require more time to
settle and the SCLK is derived from the SAR conversion cycle.
In read after conversion mode, unlike other modes, the BUSY
signal returns low after the 16 data bits are pulsed out and not at
the end of the conversion phase, resulting in a longer BUSY
width. As a result, the maximum throughput cannot be
achieved in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com