Electronic Components Datasheet Search
  English  ▼

X  

BQ2057TSTR Datasheet(PDF) 15 Page - Texas Instruments

Part # BQ2057TSTR
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2057TSTR Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ2057TSTR Datasheet HTML 11Page - Texas Instruments BQ2057TSTR Datasheet HTML 12Page - Texas Instruments BQ2057TSTR Datasheet HTML 13Page - Texas Instruments BQ2057TSTR Datasheet HTML 14Page - Texas Instruments BQ2057TSTR Datasheet HTML 15Page - Texas Instruments BQ2057TSTR Datasheet HTML 16Page - Texas Instruments BQ2057TSTR Datasheet HTML 17Page - Texas Instruments BQ2057TSTR Datasheet HTML 18Page - Texas Instruments BQ2057TSTR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
bq2057, bq2057C
bq2057T, bq2057W
SLUS025F − MAY 2001 − REVISED JULY 2002
15
www.ti.com
APPLICATION INFORMATION
selecting an external pass-transistor
The bq2057 is designed to work with both PNP transistor and P-channel MOSFET. The device should be chosen
to handle the required power dissipation, given the circuit parameters, PCB layout and heat sink configuration.
The following examples illustrate the design process for either device:
PNP transistor:
Selection steps for a PNP bipolar transistor: Example: VI = 4.5 V, I(REG) = 1 A, 4.2-V single-cell Li-Ion (bq2057C).
VI is the input voltage to the charger and I(REG) is the desired charge current (see Figure 1).
1.
Determine the maximum power dissipation, PD, in the transistor.
The worst case power dissipation happens when the cell voltage, V(BAT), is at its lowest (typically 3 V at the
beginning of current regulation phase) and VI is at its maximum.
Where VCS is the voltage drop across the current sense resistor.
PD = (VI − VCS – V (BAT)) × IREG
PD = (4.5 – 0.1 − 3) × 1 A
PD= 1.4 W
2.
Determine the package size needed in order to keep the junction temperature below the manufacturer’s
recommended value, T(J)max. Calculate the total theta, θ(°C/W), needed.
θ
JC +
T
(J)max *
T
A(max)
P
D
θ
JC +
(150–40)
1.4
θ
JC +
78
°C W
Now choose a device package with a theta at least 10% below this value to account for additional thetas
other than the device. A SOT223 package, for instance, has typically a theta of 60
°C/W.
3.
Select a collector-emitter voltage, V(CE), rating greater than the maximum input voltage. A 15-V device will
be adequate in this example.
4.
Select a device that has at least 50% higher drain current IC rating than the desired charge current I(REG).
5.
Using the following equation, calculate the minimum beta (
β or hFE) needed:
b
min +
I
CMAX
I
B
b
min +
1
0.035
b
min +
28
where Imax(C)) is the maximum collector current (in this case same as I(REG)), and IB is the base current
(chosen to be 35 mA in this example).
NOTE:
The beta of a transistor drops off by a factor of 3 over temperature and also drops off with load.
Therefore, note the beta of device at I(REG) and the minimum ambient temperature when choosing
the device. This beta should be larger than the minimum required beta.
Now choose a PNP transistor that is rated for V(CE) ≥15 V, θJC ≤ 78°C/W, IC ≥ 1.5 A, βmin ≥ 28 and that is in a
SOT223 package.
(7)
(8)
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com