Electronic Components Datasheet Search
  English  ▼

X  

BQ2057TSTR Datasheet(PDF) 21 Page - Texas Instruments

Part # BQ2057TSTR
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2057TSTR Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ2057TSTR Datasheet HTML 16Page - Texas Instruments BQ2057TSTR Datasheet HTML 17Page - Texas Instruments BQ2057TSTR Datasheet HTML 18Page - Texas Instruments BQ2057TSTR Datasheet HTML 19Page - Texas Instruments BQ2057TSTR Datasheet HTML 20Page - Texas Instruments BQ2057TSTR Datasheet HTML 21Page - Texas Instruments BQ2057TSTR Datasheet HTML 22Page - Texas Instruments BQ2057TSTR Datasheet HTML 23Page - Texas Instruments BQ2057TSTR Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
bq2057, bq2057C
bq2057T, bq2057W
SLUS025F − MAY 2001 − REVISED JULY 2002
21
www.ti.com
MECHANICAL DATA
Notes:
1.
Dimension
Inches
Millimeters
Min.
Max.
Min.
Max.
A
-
0.043
-
1.10
A1
0.002
0.006
0.05
0.15
B
0.007
0.012
0.18
0.30
C
0.004
0.007
0.09
0.18
D
0.1
14
0.122
2.90
3.10
E
0.169
0.176
4.30
4.48
e
0.0256BSC
0.65BSC
H
0.246
0.256
6.25
6.50
TS: 8−Pin TSSOP
8−Pin
SOIC
Narrow (SN)
8−Pin SN (
0.150” SOIC )
Dimension
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.060
0.070
1.52
1.78
A1
0.004
0.010
0.10
0.25
B
0.013
0.020
0.33
0.51
C
0.007
0.010
0.18
0.25
D
0.185
0.200
4.70
5.08
E
0.150
0.160
3.81
4.06
e
0.045
0.055
1.14
1.40
H
0.225
0.245
5.72
6.22
L
0.015
0.035
0.38
0.89
Controlling dimension: millimeters. Inches shown for reference only.
2
’D’ and ’E’ do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0,15 mm per side
3
Each lead centerline shall be located within
±0,10 mm of its exact true position.
4
Leads shall be coplanar within 0,08 mm at the seating plane.
5
Dimension ’B’ does not include dambar protrusion. The dambar protrusion(s) shall not cause the lead width
to exceed ’B’ maximum by more than 0,08 mm.
6
Dimension applies to the flat section of the lead between 0,10 mm and 0,25 mm from the lead tip.
7
’A1’ is defined as the distance from the seating plane to the lowest point of the package body (base plane).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com