Electronic Components Datasheet Search
  English  ▼

X  

AD7691 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7691
Description  250 kSPS PulSAR Differential ADC in MSOP/LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7691 Datasheet(HTML) 4 Page - Analog Devices

  AD7691 Datasheet HTML 1Page - Analog Devices AD7691 Datasheet HTML 2Page - Analog Devices AD7691 Datasheet HTML 3Page - Analog Devices AD7691 Datasheet HTML 4Page - Analog Devices AD7691 Datasheet HTML 5Page - Analog Devices AD7691 Datasheet HTML 6Page - Analog Devices AD7691 Datasheet HTML 7Page - Analog Devices AD7691 Datasheet HTML 8Page - Analog Devices AD7691 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
AD7691
Rev. E | Page 3 of 28
SPECIFICATIONS
VDD = 2.3 V to 5.25 V, VIO = 2.3 V to VDD, VREF = VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
18
Bits
ANALOG INPUT
Voltage Range, VIN
IN+ − (IN−)
−VREF
+VREF
V
Absolute Input Voltage
IN+, IN−
−0.1
VREF + 0.1
V
Common-Mode Input Range
IN+, IN−
VREF/2 − 0.1
VREF/2
VREF/2 + 0.1
V
Analog Input CMRR
fIN = 250 kHz
65
dB
Leakage Current at 25°C
Acquisition phase
1
nA
Input Impedance1
THROUGHPUT
Conversion Rate
VDD = 4.5 V to 5.25 V
0
250
kSPS
VDD = 2.3 V to 4.5 V
0
180
kSPS
Transient Response
Full-scale step
1.8
μs
ACCURACY
No Missing Codes
18
Bits
Integral Linearity Error
−1.5
±0.75
+1.5
LSB2
Differential Linearity Error
−1
±0.5
+1.25
LSB2
Transition Noise
REF = VDD = 5 V
0.75
LSB2
Gain Error3
VDD = 4.5 V to 5.25 V
−40
±2
+40
LSB2
VDD = 2.3 V to 4.5 V
−80
±2
+80
LSB2
Gain Error Temperature Drift
±0.3
ppm/°C
Zero Error3
VDD = 4.5 V to 5.25 V
−0.8
±0.1
+0.8
mV
VDD = 2.3 V to 4.5 V
−3.5
±0.7
+3.5
mV
Zero Temperature Drift
±0.3
ppm/°C
Power Supply Sensitivity
VDD = 5 V ± 5%
±0.25
LSB2
AC ACCURACY4
Dynamic Range
VREF = 5 V
101
102
dB
Oversampled Dynamic Range5
fIN = 1 kSPS
125
dB
Signal-to-Noise
fIN = 1 kHz, VREF = 5 V
100
101.5
dB
fIN = 1 kHz, VREF = 2.5 V
95
96.5
dB
Spurious-Free Dynamic Range
fIN = 1 kHz, VREF = 5 V
−125
dB
Total Harmonic Distortion
fIN = 1 kHz, VREF = 5 V
−118
dB
Signal-to-(Noise + Distortion)
fIN = 1 kHz, VREF = 5 V
100
101.5
dB
fIN = 1 kHz, VREF = 2.5 V
95
96.5
dB
Intermodulation Distortion6
115
dB
1
See the Analog Inputs section.
2
LSB means least significant bit. With the ±5 V input range, one LSB is 38.15 µV.
3
See the Terminology section. These specifications include full temperature range variation but not the error contribution from the external reference.
4
All ac accuracy specifications in dB are referred to a full-scale input FSR. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
5
Dynamic range obtained by oversampling the ADC running at a throughput fS of 250 kSPS, followed by postdigital filtering with an output word rate fO.
6
fIN1 = 21.4 kHz and fIN2 = 18.9 kHz, with each tone at −7 dB below full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com