Electronic Components Datasheet Search
  English  ▼

X  

AD7691 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7691
Description  250 kSPS PulSAR Differential ADC in MSOP/LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7691 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7691 Datasheet HTML 15Page - Analog Devices AD7691 Datasheet HTML 16Page - Analog Devices AD7691 Datasheet HTML 17Page - Analog Devices AD7691 Datasheet HTML 18Page - Analog Devices AD7691 Datasheet HTML 19Page - Analog Devices AD7691 Datasheet HTML 20Page - Analog Devices AD7691 Datasheet HTML 21Page - Analog Devices AD7691 Datasheet HTML 22Page - Analog Devices AD7691 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD7691
Data Sheet
Rev. E | Page 18 of 28
CS MODE, 3-WIRE WITHOUT BUSY INDICATOR
This mode is usually used when a single AD7691 is connected
to an SPI-compatible digital host. The connection diagram is
shown in Figure 35, and the corresponding timing is given in
Figure 36.
With SDI tied to VIO, a rising edge on CNV initiates a
conversion, selects the CS mode, and forces SDO to high
impedance. Once a conversion is initiated, it continues until
completion irrespective of the state of CNV. This can be useful,
for instance, to bring CNV low to select other SPI devices, such
as analog multiplexers, but CNV must be returned high before
the minimum conversion time elapses and then held high for
the maximum possible conversion time to avoid the generation
of the busy signal indicator. When the conversion is complete,
the AD7691 enters the acquisition phase and powers down.
When CNV goes low, the MSB is output onto SDO. The
remaining data bits are clocked by subsequent SCK falling
edges. The data is valid on both SCK edges. Although the rising
edge can be used to capture the data, a digital host using the
SCK falling edge can allow a faster reading rate, provided it has
an acceptable hold time. After the 18th SCK falling edge, or
when CNV goes high, whichever occurs first, SDO returns to
high impedance.
Figure 35. 3-Wire CS Mode Without Busy Indicator
Connection Diagram (SDI High)
Figure 36. 3-Wire CS Mode Without Busy Indicator Serial Interface Timing (SDI High)
CNV
SCK
SDO
SDI
DATA IN
CLK
CONVERT
VIO
DIGITAL HOST
AD7691
SDO
D17
D16
D15
D1
D0
tDIS
SCK
123
16
17
18
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CNV
CONVERSION
ACQUISITION
tCONV
tCYC
ACQUISITION
SDI = 1
tCNVH
tACQ
tEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com