Electronic Components Datasheet Search
  English  ▼

X  

AD7762 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7762
Description  Sigma-Delta ADC With On-Chip Buffer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7762 Datasheet HTML 8Page - Analog Devices AD7762 Datasheet HTML 9Page - Analog Devices AD7762 Datasheet HTML 10Page - Analog Devices AD7762 Datasheet HTML 11Page - Analog Devices AD7762 Datasheet HTML 12Page - Analog Devices AD7762 Datasheet HTML 13Page - Analog Devices AD7762 Datasheet HTML 14Page - Analog Devices AD7762 Datasheet HTML 15Page - Analog Devices AD7762 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
AD7762
Rev. A | Page 11 of 28
FREQUENCY (Hz)
–25
0
–50
–75
–100
–125
–150
–175
–200
60000
0
120000
180000
240000
300000
Figure 11. Normal Mode FFT, 100 kHz, −0.5 dB Input Tone, 32× Decimation
FREQUENCY (Hz)
–25
0
–50
–75
–100
–125
–150
–175
–200
60000
0
120000
180000
240000
300000
Figure 12. Normal Mode FFT, 100 kHz, −6 dB Input Tone, 32× Decimation
DECIMATION RATE (x)
120
106
0
256
118
116
114
112
110
108
64
128
192
–0.5dB
–60dB
–6dB
Figure 13. Normal Mode SNR vs. Decimation Rate, 1 kHz Input Tone
FREQUENCY (Hz)
–25
0
–50
–75
–100
–125
–150
–175
–200
60000
0
120000
180000
240000
300000
Figure 14. Low Power FFT, 100 kHz, −0.5 dB Input Tone, 32× Decimation
FREQUENCY (Hz)
–25
0
–50
–75
–100
–125
–150
–175
–200
60000
0
120000
180000
240000
300000
Figure 15. Low Power FFT, 100 kHz, −6 dB Input Tone, 32× Decimation
DECIMATION RATE (x)
116
104
0
256
64
128
192
112
108
–60dB
–0.5dB
–6dB
Figure 16. Low Power SNR vs. Decimation Rate, 1 kHz Input Tone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com