Electronic Components Datasheet Search
  English  ▼

X  

AD7762 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7762
Description  Sigma-Delta ADC With On-Chip Buffer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7762 Datasheet HTML 15Page - Analog Devices AD7762 Datasheet HTML 16Page - Analog Devices AD7762 Datasheet HTML 17Page - Analog Devices AD7762 Datasheet HTML 18Page - Analog Devices AD7762 Datasheet HTML 19Page - Analog Devices AD7762 Datasheet HTML 20Page - Analog Devices AD7762 Datasheet HTML 21Page - Analog Devices AD7762 Datasheet HTML 22Page - Analog Devices AD7762 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD7762
Data Sheet
Rev. A | Page 18 of 28
DECOUPLING AND LAYOUT RECOMMENDATIONS
Due to the high performance nature of the AD7762, correct decoupling and layout techniques are required to obtain the performance as
stated within this datasheet. Figure 29 shows a simplified connection diagram for the AD7762.
VINA+
VINA–
VOUTA–
VOUTA+
INA+
INA–
OUTA–
OUTA+
DECAPA
DECAPB
VIN+
VIN–
VREF+
VIN+
VIN–
VREF
REFGND
RBIAS
DGND
DGND
DGND
DGND
DGND
DGND
DGND
19
20
21
22
8
30
25
26
10
9
17
1
35
42
43
53
62
64
DB0
DB2
DB1
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB0
DB2
DB1
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
CS
RD/WR
RESET
SYNC
DRDY
MCLK
MCLKGND
CS
RD/WR
RESET
SYNC
DRDY
MCLK
AD7762BSV
61
60
59
58
55
54
50
49
46
45
40
37
36
38
3
2
57
56
52
51
48
47
39
R19
160k
C64
33pF
C7
100nF
DB (0:15)
U2
AVDD3
PIN 24
(VDIF1)
C54
100nF
L6
DVDD
PIN 41
(DVDD)
C58
100nF
L8
AVDD2
PIN 4
(RHS)
C48
100nF
L1
PIN 15
(VBIAS)
C50
100nF
L3
PIN 14
(LHS)
PIN 27
C62
100nF
L2
L9
AVDD4
PIN 12
(VBUF)
C59
10nF
L4
R38
10
AVDD1
PIN 5
(VMOD1)
C52
100nF
L5
PIN 33
(VMOD2)
C53
100nF
L11
VDRIVE
PIN 44
(VDRV1)
C56
100nF
L7
PIN 63
(VDRV2)
C57
100nF
L12
Figure 29. Simplified Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com