Electronic Components Datasheet Search
  English  ▼

X  

AD7796 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7796
Description  Sigma-Delta ADC for Bridge Sensors Low Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7796 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7796 Datasheet HTML 7Page - Analog Devices AD7796 Datasheet HTML 8Page - Analog Devices AD7796 Datasheet HTML 9Page - Analog Devices AD7796 Datasheet HTML 10Page - Analog Devices AD7796 Datasheet HTML 11Page - Analog Devices AD7796 Datasheet HTML 12Page - Analog Devices AD7796 Datasheet HTML 13Page - Analog Devices AD7796 Datasheet HTML 14Page - Analog Devices AD7796 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD7796/AD7797
Rev. B | Page 11 of 24
ON-CHIP REGISTERS
The ADC is controlled and configured via a number of on-chip
registers, which are described on the following pages. In the
following descriptions, set implies a Logic 1 State and cleared
implies a Logic 0 State, unless otherwise stated.
COMMUNICATION REGISTER
RS2, RS1, RS0 = 0, 0, 0
The communication register is an 8-bit write-only register. All
communication to the device must start with a write operation
to this register. The data written to the communication register
determines whether the next operation is a read or write opera-
tion, and selects the register where this operation takes place.
Once the subsequent read or write operation to the selected
register is complete, the interface returns to where it expects a
write operation to the communication register (this is the
default state of the interface). On power-up or after a reset, the
ADC is in this default state waiting for a write operation to the
communication register. In situations where the interface sequence
is lost, a write operation of at least 32 serial clock cycles with
DIN high returns the ADC to this default state by resetting the
entire device. Table 9 outlines the bit designations for the
communication register. CR0 through CR7 indicate the bit
location, with CR denoting that the bits are in the communication
register. CR7 denotes the first bit of the data stream. The number
in brackets indicates the power-on/reset default status of that bit.
MSB
LSB
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
WEN(0)
R/W(0)
RS2(0)
RS1(0)
RS0(0)
CREAD(0)
0(0)
0(0)
Table 9. Communication Register Bit Designations
Bit Location
Bit Name
Description
CR7
WEN
Write Enable Bit. A 0 must be written to this bit first to ensure that a write to the communication register
occurs. If a 1 is the first bit written, the device does not clock onto subsequent bits in the register; it stays at this
bit location until a 0 is written. Once a 0 is written to the WEN bit, the next seven bits are loaded to the
communication register.
CR6
R/W
A 0 in this bit location indicates that the next operation is a write to a specified register. A 1 in this position
indicates that the next operation is a read from the designated register.
CR5 to CR3
RS2 to RS0
Register Address Bits. These address bits determine which ADC registers are being selected during this serial
interface communication. See Table 10.
CR2
CREAD
Continuous Read of the Data Register. When this bit is set to 1 (and the data register is selected), the serial
interface is configured to continuously read the data register. For example, the contents of the data register are
automatically placed on the DOUT pin when the SCLK pulses are applied and after the RDY pin goes low. This
indicates that a conversion is complete. The communication register does not have to be written to for data reads.
To enable continuous read mode, the instruction 01011100 must be written to the communication register.
To exit the continuous read mode, the instruction 01011000 must be written to the communication register
while the RDY pin is low. While in continuous read mode, the ADC monitors activity on the DIN line so it can
receive the instruction to exit continuous read mode. Additionally, a reset occurs if 32 consecutive 1s are seen
on DIN. Therefore, DIN should be held low in continuous read mode until an instruction is written to the device.
CR1 to CR0
0
These bits must be programmed to Logic 0 for correct operation.
Table 10. Register Selection
RS2
RS1
RS0
Register
Register Size
0
0
0
Communication Register During a Write Operation
8 bits
0
0
0
Status Register During a Read Operation
8 bits
0
0
1
Mode Register
16 bits
0
1
0
Configuration Register
16 bits
0
1
1
Data Register
16 bits (AD7796), 24 bits (AD7797)
1
0
0
ID Register
8 bits
1
0
1
Reserved
8 bits
1
1
0
Offset Register
16 bits (AD7796), 24 bits (AD7797)
1
1
1
Full-Scale Register
16 bits (AD7796), 24 bits (AD7797)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com