Electronic Components Datasheet Search
  English  ▼

X  

PE34576 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE34576
Description  3.5mm Male to 3.5mm Male Cable Using PE-SR405AL Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34576 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE34576 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE34576 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE34576 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE34576 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE34576
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE34576-12 = 12 inches long cable
PE34576-100cm = 100 cm long cable
3.5mm Male to 3.5mm Male Cable Using PE-SR405AL Coax from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male to 3.5mm Male Cable Using PE-SR405AL Coax PE34576
URL: https://www.pasternack.com/3.5mm-male-3.5mm-male-pe-sr405al-cable-assembly-pe34576-p.aspx
PE34576 REV 1.1
RF Cable Assemblies Technical Data Sheet
3.5mm Male to 3.5mm Male Cable Using PE-SR405AL Coax
PE34576



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com