Electronic Components Datasheet Search
  English  ▼

X  

PE34576 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE34576
Description  3.5mm Male to 3.5mm Male Cable Using PE-SR405AL Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34576 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE34576 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE34576 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE34576 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE34576 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: 3.5mm Male
• Connector 2: 3.5mm Male
• Cable Type: PE-SR405AL
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
35
GHz
VSWR
1.35:1
.
Mechanical Specifications
Cable Assembly
Diameter
0.312 in [7.92 mm]
.
Weight
0.035 lbs [15.88 g]
Cable
Cable Type
PE-SR405AL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Tinned Aluminum
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male to 3.5mm Male Cable Using PE-SR405AL Coax PE34576
PE34576 REV 1.1
3.5mm Male to 3.5mm Male Cable Using PE-SR405AL Coax
RF Cable Assemblies Technical Data Sheet
PE34576


Similar Part No. - PE34576

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34576-12 PASTERNACK-PE34576-12 Datasheet
376Kb / 4P
3.5mm Male to 3.5mm Male Cable 12 Inch
PE34576-18 PASTERNACK-PE34576-18 Datasheet
376Kb / 4P
3.5mm Male to 3.5mm Male Cable 18 Inch
PE34576-24 PASTERNACK-PE34576-24 Datasheet
377Kb / 4P
3.5mm Male to 3.5mm Male Cable 24 Inch
PE34576-36 PASTERNACK-PE34576-36 Datasheet
376Kb / 4P
3.5mm Male to 3.5mm Male Cable 36 Inch
PE34576-48 PASTERNACK-PE34576-48 Datasheet
376Kb / 4P
3.5mm Male to 3.5mm Male Cable 48 Inch
More results

Similar Description - PE34576

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34572 PASTERNACK-PE34572 Datasheet
109Kb / 1P
CABLE ASSEMBLY PE-SR402AL 3.5mm MALE TO 3.5mm MALE
PE34576LF PASTERNACK-PE34576LF Datasheet
106Kb / 1P
CABLE ASSEMBLY PE-SR405AL 3.5mm MALE TO 3.5mm MALE
PE34592LF PASTERNACK-PE34592LF Datasheet
112Kb / 1P
CABLE ASSEMBLY PE-SR405AL 3.5mm MALE TO 3.5mm FEMALE BULKHEAD
PE369 PASTERNACK-PE369 Datasheet
364Kb / 4P
3.5mm Male to 3.5mm Male Test Cable Using PE-P160 Coax, RoHS
PE34584 PASTERNACK-PE34584 Datasheet
111Kb / 1P
CABLE ASSEMBLY,PE-SR405AL, 3.5mm MALE TO 3.5mm FEMAIL
PE369-36 PASTERNACK-PE369-36 Datasheet
393Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 36 Inch Length Using PE-P160 Coax, RoHS
PE369-48 PASTERNACK-PE369-48 Datasheet
382Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 48 Inch Length Using PE-P160 Coax, RoHS
PE369-60 PASTERNACK-PE369-60 Datasheet
381Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 60 Inch Length Using PE-P160 Coax
PE369-100CM PASTERNACK-PE369-100CM Datasheet
382Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 100 CM Length Using PE-P160 Coax, RoHS
PE369-150CM PASTERNACK-PE369-150CM Datasheet
382Kb / 4P
3.5mm Male to 3.5mm Male Test Cable 150 CM Length Using PE-P160 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com