Electronic Components Datasheet Search
  English  ▼

X  

LM2780 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2780
Description  Ultra-Low Ripple Switched Capacitor Voltage Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2780 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2780 Datasheet HTML 1Page - National Semiconductor (TI) LM2780 Datasheet HTML 2Page - National Semiconductor (TI) LM2780 Datasheet HTML 3Page - National Semiconductor (TI) LM2780 Datasheet HTML 4Page - National Semiconductor (TI) LM2780 Datasheet HTML 5Page - National Semiconductor (TI) LM2780 Datasheet HTML 6Page - National Semiconductor (TI) LM2780 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN pin: Voltage to GND
−0.3V to 5.8V
SD pin: Voltage to GND
-0.3V to
(V
IN + 0.3V), with
5.8V max
Output Short-to-GND Duration
(Note 3)
1 sec.
Maximum Junction Temperature
(T
J-MAX)
150˚C
Storage Temperature Range
-65˚C to +150˚C
Pad Temperature
(Soldering, 10 sec.)
265˚C
ESD Rating (Note 4)
Human-body model
Machine model
2kV
200V
Operating Ratings (Notes 1, 2)
Input Voltage Range
1.8V to 5.5V
Junction Temperature (T
J) Range
-40˚C to +90˚C
Ambient Temperature (T
A) Range
(Note 5)
-40˚C to +85˚C
Thermal Properties
Junction-to-Ambient Thermal
220˚C/W
Resistance (
θ
JA), TPA08 Package
(Note 6)
Electrical Characteristics
(Notes 2, 7)
Limits in standard typface are for T
J = 25˚C, and limits in boldface type apply over the full operating junction temperature
range (-40˚C
≤ T
J
≤ +90˚C). Unless otherwise noted: specifications apply to the LM2780 Typical Application Circuit (pg. 1) with
V
IN = 5.0V, V(SD) = 0V, and CIN =COUT = C1 = C2 = 10µF. (Note 8)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
R
OUT
Output Resistance
(Note 9)
I
OUT = 10mA, C2 = 10µF
8
30
Ω
I
OUT = 10mA, C2 removed
18
40
Ω
I
Q
Supply Current
No load
60
120
µA
I
SD
Shutdown Supply Current
V(SD) = 5.0V
0.1
0.5
µA
F
SW
Switching Frequency
6
12
28
kHz
V
SD
Shutdown Pin Logic Levels
Normal Operation
1.8V
≤ V
IN
≤ 5.5V
0
0.5
V
Shutdown Mode
1.8V
≤ V
IN
≤ 5.5V
0.5xV
IN
V
IN
V
OUTp-p
Output Voltage Ripple
V
IN = 5.0V, IOUT = 10mA
40
mV
P
EFF
Power Efficiency
V
IN = 5.0V, IOUT = 10mA
98
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics table.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: VOUT may be shorted to GND for one second without damage when the ambient temperature is at or below 85˚C. Prolonged or repeated shorts of VOUT
to GND may damage the device, and should be avoided.
Note 4: The human-body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin.
Note 5: Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 90˚C), the maximum power dissipation
of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the part in the application (θJA), as given by the following equation:
TA-MAX =TJ-MAX-OP -(θJA xPD-MAX).
Note 6: Junction-to-ambient thermal resistance of the micro SMD package is highly application and board-layout dependent.
Note 7: Max and Min limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 8: CIN,COUT, C1, and C2: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
Note 9: Output resistance is a model for the voltage drop at the output, resulting from internal switch resistance, capacitor ESR, and charge pump charge transfer
characteristics. Output voltage can be predicted with the following equation: VOUT = -[VIN -(IOUT xROUT)]
www.national.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com