Electronic Components Datasheet Search
  English  ▼

X  

LM2780 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2780
Description  Ultra-Low Ripple Switched Capacitor Voltage Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2780 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2780 Datasheet HTML 1Page - National Semiconductor (TI) LM2780 Datasheet HTML 2Page - National Semiconductor (TI) LM2780 Datasheet HTML 3Page - National Semiconductor (TI) LM2780 Datasheet HTML 4Page - National Semiconductor (TI) LM2780 Datasheet HTML 5Page - National Semiconductor (TI) LM2780 Datasheet HTML 6Page - National Semiconductor (TI) LM2780 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM2780
Ultra-Low Ripple Switched Capacitor Voltage Inverter
General Description
The LM2780 is a charge pump that inverts an input voltage
in the range of 1.8V to 5.5V to the corresponding output
voltage of -1.8V to -5.5V. With use of three or four low-cost
external ceramic capacitors, the LM2780 can provide up to
50mA of output current.
The LM2780 operates at a 12kHz typical switching fre-
quency to minimize supply current (60µA typ.). Two charge
pumps operate 180˚ out of phase to significantly reduce the
output voltage ripple compared to that of traditional single-
phase charge pump circuits. If larger output ripple can be
tolerated, optional capacitor C2 may be omitted to reduce
the cost and size of the solution. The LM2780 is available in
an 8-pin Micro SMD chip-scale package.
See also: LM2781, a fast clock (210kHz typ) version of this
topology with even lower output voltage ripple.
Features
n
Inverts Input Voltage
n
Ultra-Low Voltage Ripple and 8
Ω Typical Output
Resistance with Two Flying Capacitors
n
Output Resistance of 18
Ω Using One Flying Capacitor
n
12kHz (typ.) Switching Frequency
n
8-pin micro SMD Package (1.4mm x 1.4mm x 0.5mm)
Applications
n
Cellular Phones
n
Pagers
n
PDAs
n
Op-Amp Power Supplies
n
Interface Power Supplies
n
Handheld Instruments
Typical Application Circuit
20044601
March 2003
© 2003 National Semiconductor Corporation
DS200446
www.national.com


Similar Part No. - LM2780

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2781 NSC-LM2781 Datasheet
162Kb / 7P
Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2781TP NSC-LM2781TP Datasheet
162Kb / 7P
Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2781TPX NSC-LM2781TPX Datasheet
162Kb / 7P
Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
LM2787BP NSC-LM2787BP Datasheet
214Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
More results

Similar Description - LM2780

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2781 NSC-LM2781 Datasheet
162Kb / 7P
Ultra-Low Ripple Switched Capacitor Voltage Inverter
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
Switched-Capacitor Voltage Inverter
June 2000
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Texas Instruments
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
Low Noise Regulated Switched Capacitor Voltage Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com