Electronic Components Datasheet Search
  English  ▼

X  

PT4313 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT4313
Description  6-W Low-Profile Dual-Output Isolated DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4313 Datasheet(HTML) 5 Page - Texas Instruments

  PT4313 Datasheet HTML 1Page - Texas Instruments PT4313 Datasheet HTML 2Page - Texas Instruments PT4313 Datasheet HTML 3Page - Texas Instruments PT4313 Datasheet HTML 4Page - Texas Instruments PT4313 Datasheet HTML 5Page - Texas Instruments PT4313 Datasheet HTML 6Page - Texas Instruments PT4313 Datasheet HTML 7Page - Texas Instruments PT4313 Datasheet HTML 8Page - Texas Instruments PT4313 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
For technical support or further information, visit http://power.ti.com
Typcial Characteristics
PT4310 Series —48V
6-W Low-Profile Dual-Output
Isolated DC/DC Converter
Note A:
The above characteristic data has been developed from actual products tested at 25°C and Vin =53V. This data is considered typical data for the converter.
Note C:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
Io1 =0 to 0.25 A, |Io2|=0.25 A, VIN =38–75 V
PT4313 Safe Operating Area Curves (See Note C)
PT4313; Io1 =0 to 0.45 A, |Io2| =0.05 A
Load Regulation, Vox vs Iox with Ioy =0.05 A & VIN =53 V
PT4313 (±12 V) Characteristic Data (See Note A)
Cross Regulation, Vox vs Ioy with Iox =0.05 A & VIN =53 V
Io1 =0 to 1 A, |Io2| =0.2 A, VIN =38–75 V
PT4311 Safe Operating Area Curves (See Note C)
PT4311 (±5 V) Characteristic Data (See Note A)
PT4311; Io1 =0 to 0.6 A, |Io2| =0.6 A
20
30
40
50
60
70
80
90
0
0.1
0.2
0.3
0.4
0.5
0.6
Io1 (A)
200LFM
120LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
Io1 (A)
200LFM
120LFM
Nat conv
Airflow
-4.0%
-2.0%
0.0%
2.0%
4.0%
0
0.1
0.2
0.3
0.4
0.5
Io1 : Io2 (A)
Vo 1 / Io 1
Vo 2 / Io 2
-1.0%
-0.5%
0.0%
0.5%
1.0%
0
0.1
0.2
0.3
0.4
0.5
Io1 : Io2 (A)
Vo 1 / Io 2
Vo 2 / Io 1
-1.0%
-0.5%
0.0%
0.5%
1.0%
0
0.2
0.4
0.6
0.8
1
1.2
Io1 : Io2 (A)
Vo 1 / Io 2
Vo 2 / Io 1
Cross Regulation, Vox vs Ioy with Iox =0.2 A & VIN =53 V
-4.0%
-2.0%
0.0%
2.0%
4.0%
0
0.2
0.4
0.6
0.8
1
1.2
Io1 : Io2 (A)
Vo 1 / Io 1
Vo 2 / Io 2
Load Regulation, Vox vs Iox with Ioy =0.2 A & VIN =53 V
SLTS146B - MARCH 2001 - REVISED MAY 2004
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.00
0.05
0.10
0.15
0.20
0.25
Io1 (A)
60LFM
Nat conv
Airflow
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.1
0.2
0.3
0.4
Io1 (A)
200LFM
120LFM
60LFM
Nat conv
Airflow



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com