Electronic Components Datasheet Search
  English  ▼

X  

PT4313 Datasheet(PDF) 6 Page - Texas Instruments

Part # PT4313
Description  6-W Low-Profile Dual-Output Isolated DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4313 Datasheet(HTML) 6 Page - Texas Instruments

  PT4313 Datasheet HTML 1Page - Texas Instruments PT4313 Datasheet HTML 2Page - Texas Instruments PT4313 Datasheet HTML 3Page - Texas Instruments PT4313 Datasheet HTML 4Page - Texas Instruments PT4313 Datasheet HTML 5Page - Texas Instruments PT4313 Datasheet HTML 6Page - Texas Instruments PT4313 Datasheet HTML 7Page - Texas Instruments PT4313 Datasheet HTML 8Page - Texas Instruments PT4313 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
For technical support or further information,visit http://power.ti.com
Typcial Characteristics
PT4310 Series —48V
6-W Low-Profile Dual-Output
Isolated DC/DC Converter
Io1 = |Io2| from 0 to 125 mA, VIN =53 V
PT 4314 Safe Operating Area Curves (See Note C)
Load Regulation, Vo1 vs Io1 with |Io2| =0.02 A
PT4314 (±24 V) Characteristic Data (See Note A)
Power Dissipation vs Output Current ( Io1 = |Io2| )
Load Regulation, Vox vs Iox with Ioy =0.02 A & VIN=53 V
50
60
70
80
90
025
50
75
100
125
Io1 = |Io2| (mA)
36 V
53 V
75 V
VIN
0
0.5
1
1.5
2
2.5
0
255075
100
125
Io1 = |Io2| (mA)
36 V
53 V
75 V
VIN
-2%
-1%
0%
1%
2%
025
50
75
100
125
Io1 : Io2 (mA)
Vo 1 / Io 1
Vo 2 / Io 2
Cross Regulation, Vox vs Ioy with Iox =0.02 A & VIN =53 V
Note A:
The above characteristic data has been developed from actual products tested at 25°C and Vin =53V. This data is considered typical data for the converter.
Note C:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
20
30
40
50
60
70
80
90
0
255075
100
125
Io1 = |Io2| (mA)
200LFM
120LFM
60LFM
Nat conv
Airflow
SLTS146B - MARCH 2001 - REVISED MAY 2004
-1.0%
-0.5%
0.0%
0.5%
1.0%
0
255075
100
125
Io1 : Io2 (mA)
Vo 1 / Io 2
Vo 2 / Io 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com