Electronic Components Datasheet Search
  English  ▼

X  

PE312 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE312
Description  TECHNICAL DATA SHEET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE312 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE312 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE312 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE312 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE312 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
SMA Male to QD SMA Male Precision Cable Using 160 Series Coax from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to QD SMA Male Precision Cable Using 160 Series Coax PE312
URL: http://www.pasternack.com/sma-male-sma-male-300-series-cable-assembly-pe312-p.aspx
PE312 REV
PE312
SMA Male to QD SMA Male Precision
Cable Using 160 Series Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com