Electronic Components Datasheet Search
  English  ▼

X  

PE312 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE312
Description  TECHNICAL DATA SHEET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE312 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE312 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE312 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE312 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE312 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
SMA Male
Connector 2
SMA Male
Cable Type
160 Series
Electrical Specifications
Frequency Range
DC to 18 GHz
Impedance
50 Ohms
Maximum VSWR
1.33:1
Velocity of Propagation
70 %
Dielectric Withstanding Voltage (AC)
1,000 Vrms
Typical Performance by Frequency
Frequency 1
Frequency
2 GHz
VSWR
1.09:1
Return Loss
27 dB
Insertion Loss
0.17 dB/ft [0.56 dB/m]
Frequency 2
Frequency
6 GHz
VSWR
1.12:1
Return Loss
25 dB
Insertion Loss
0.42 dB/ft [1.38 dB/m]
Frequency 3
Frequency
8 GHz
VSWR
1.12:1
Return Loss
25 dB
Insertion Loss
0.48 dB/ft [1.57 dB/m]
Frequency 4
Frequency
18 GHz
VSWR
1.33:1
Return Loss
17 dB
Insertion Loss
0.76 dB/ft [2.49 dB/m]
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +125 deg C
Size
Diameter
0.17 in [4.32 mm]
.
Weight
0.038 lbs [17.24 g]
Cable Color
Blue
Repeated Minimum Bend Radius
1 in [25.4 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to QD SMA Male Precision Cable Using 160 Series Coax PE312
PE312 REV
PE312
SMA Male to QD SMA Male Precision
Cable Using 160 Series Coax


Similar Part No. - PE312

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE312-12 PASTERNACK-PE312-12 Datasheet
241Kb / 4P
SMA Male to QD SMA Male Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE312-120 PASTERNACK-PE312-120 Datasheet
241Kb / 4P
SMA Male to QD SMA Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE312-24 PASTERNACK-PE312-24 Datasheet
241Kb / 4P
SMA Male to QD SMA Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE312-36 PASTERNACK-PE312-36 Datasheet
241Kb / 4P
SMA Male to QD SMA Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE312-48 PASTERNACK-PE312-48 Datasheet
241Kb / 4P
SMA Male to QD SMA Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
More results

Similar Description - PE312

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4038 PASTERNACK-PE15A4038 Datasheet
437Kb / 6P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com