Electronic Components Datasheet Search
  English  ▼

X  

PE317 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE317
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE317 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE317 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE317 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE317 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE317 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE317 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
10
18
26.5
GHz
Insertion Loss (Max.)
0.08
0.29
0.4
0.5
dB/ft
[0.26]
[0.95]
[1.31]
[1.64]
[dB/m]
Return Loss (Max.)
-30
-25
-20
-18
dB
Power Handling (Max.)
286
Watts
.
Electrical Specification Notes:
Shielding effectiveness > 100 dB at 1 GHz.
Insertion loss does not include the loss of the connectors.
Insertion loss is estimated as 0.05 x sqrt(fGHz) dB per connector.
Mechanical Specifications
Cable Assembly
Diameter
0.47 in [11.94 mm]
.
Weight
0.42 lbs [190.51 g]
Cable
Cable Type
VNA Cable
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Silver Plated Copper Braid
Jacket Material
FEP
.
Repeated Minimum Bend Radius
1.38 in [35.05 mm]
Typical Flex Cycles
10,000
PE317 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male to 3.5mm Female Test Cable Using VNA Test Cable Coax, LF Solder, RoHS
PE317
RF Cable Assemblies Technical Data Sheet
PE317
3.5mm Male to 3.5mm Female Test Cable Using
VNA Test Cable Coax, LF Solder, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com