Electronic Components Datasheet Search
  English  ▼

X  

PE317 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE317
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE317 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE317 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE317 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE317 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE317 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE317 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Connectors
Description
Connector 1
Connector 2
Type
3.5mm Male
3.5mm Female
Specification
MIL-STD-348
MIL-STD-348
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Gold
Gold
Dielectric Type
PPO
PPO
Outer Conductor Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size
5/16 inch
Torque
8 in-lbs [0.9 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE317 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Male to 3.5mm Female Test Cable Using VNA Test Cable Coax, LF Solder, RoHS
PE317
RF Cable Assemblies Technical Data Sheet
3.5mm Male to 3.5mm Female Test Cable Using
VNA Test Cable Coax, LF Solder, RoHS
PE317



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com