Electronic Components Datasheet Search
  English  ▼

X  

DS8906 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8906
Description  AM/FM Digital Phase-Locked Loop Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8906 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8906 Datasheet HTML 1Page - National Semiconductor (TI) DS8906 Datasheet HTML 2Page - National Semiconductor (TI) DS8906 Datasheet HTML 3Page - National Semiconductor (TI) DS8906 Datasheet HTML 4Page - National Semiconductor (TI) DS8906 Datasheet HTML 5Page - National Semiconductor (TI) DS8906 Datasheet HTML 6Page - National Semiconductor (TI) DS8906 Datasheet HTML 7Page - National Semiconductor (TI) DS8906 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5775
July 1986
DS8906 AMFM Digital Phase-Locked Loop Synthesizer
General Description
The DS8906 is a PLL synthesizer designed specifically for
use in AMFM radios It contains the reference oscillator a
phase comparator a charge pump a 120 MHz ECLI2L
dual modulus programmable divider and a 20-bit shift regis-
terlatch for serial data entry The device is designed to
operate with a serial data controller generating the neces-
sary division codes for each frequency and logic state infor-
mation for radio function inputsoutputs
The Colpitts reference oscillator for the PLL operates at 4
MHz A chain of dividers is used to generate a 500 kHz
clock signal for the external controller Additional dividers
generate a 125 kHz reference signal for FM and a 500 Hz
reference signal for AMSW One of these reference signals
is selected by the data from the controller for use by the
phase comparator Additional dividers are used to generate
a 50 Hz timing signal used by the controller for ‘‘time-of-
day’’
Data is transferred between the frequency synthesizer and
the controller via a 3 wire bus system This consists of a
data input line an enable line and a clock line When the
enable line is low data can be shifted from the controller
into the frequency synthesizer When the enable line is tran-
sitioned from low to high data entry is disabled and data
present in the shift register is latched
From the controller 22-bit data stream the first 2 bits ad-
dress the device permitting other devices to share the same
bus Of the remaining 20-bit data word the next 14-bits are
used for the PLL divide code The remaining 6 bits are con-
nected via latches to output pins These 6 bits can be used
to drive radio functions such as gain mute FM AM LW and
SW only These outputs are open collector Bit 18 is used
internally to select the AM or FM local oscillator input and to
select between the 500 Hz and 125 kHz reference A high
level at bit 18 indicates FM and a low level indicates AM
The PLL consists of a 14-bit programmable I2L divider an
ECL phase comparator an ECL dual modulus (pp a 1)
prescaler and a high speed charge pump The programma-
ble divider divides by (Na1) N being the number loaded
into the shift register (bits 1 – 14 after address) It is clocked
by the AM input via an ECL d 78 prescaler or through a d
6364 prescaler from the FM input The AM input will work
at frequencies up to 8 MHz while the FM input works up to
120 MHz The AM band is tuned with a frequency resolution
of 500 Hz and the FM band is tuned with a resolution of 125
kHz The buffered AM and FM inputs are self-biased and
can be driven directly by the VCO thru a capacitor The ECL
phase comparator produces very accurate resolution of the
phase difference between the input signal and the reference
oscillator
The high speed charge pump consists of a switchable con-
stant current source (b03 mA) and a switchable constant
current sink (a03 mA) If the VCO frequency is low the
charge pump will source current and sink current if the VCO
frequency is high
A separate VCCM pin (typically drawing 15 mA) powers the
oscillator and reference chain to provide controller clocking
frequencies when the balance of the PLL is powered down
Features
Y
Uses inexpensive 4 MHz reference crystal
Y
FIN capability greater than 120 MHz allows direct syn-
thesis at FM frequencies
Y
FM resolution of 125 kHz allows usage of 107 MHz
ceramic filter distribution
Y
Serial data entry for simplified control
Y
50 Hz output for ‘‘time-of-day’’ reference with separate
low power supply (VCCM)
Y
6-open collector buffered outputs for band switching
and other radio functions
Y
Separate AM and FM inputs AM input has 15 mV (typi-
cal) hysteresis
Connection Diagram
Dual-In-Line Package
TLF5775 – 1
Top View
Order Number DS8906N
See NS Package Number N20A
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS8906

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
Phase-Locked Loop Frequency Synthesizer
DS8907N NSC-DS8907N Datasheet
164Kb / 8P
Phase-Locked Loop Frequency Synthesizer
logo
Texas Instruments
DS8908 TI1-DS8908 Datasheet
439Kb / 12P
DS8908B AM/FM Digital Phase-Locked Loop Frequency Synthesizer
logo
National Semiconductor ...
DS8908B NSC-DS8908B Datasheet
166Kb / 10P
AM/FM Digital Phase-Locked Loop Frequency Synthesizer
June 1990
DS8908BN NSC-DS8908BN Datasheet
166Kb / 10P
AM/FM Digital Phase-Locked Loop Frequency Synthesizer
June 1990
More results

Similar Description - DS8906

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT297 TI-CD74ACT297 Datasheet
196Kb / 12P
DIGITAL PHASE-LOCKED LOOP
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
Phase-Locked Loop Frequency Synthesizer
logo
NEC
UPD1703C-011 NEC-UPD1703C-011 Datasheet
477Kb / 9P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
UPD1703C-013 NEC-UPD1703C-013 Datasheet
516Kb / 9P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
UPD1703C-017 NEC-UPD1703C-017 Datasheet
517Kb / 9P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
logo
Texas Instruments
SN54LS297 TI-SN54LS297_07 Datasheet
513Kb / 15P
DIGITAL PHASE-LOCKED-LOOP FILTERS
DS8908 TI1-DS8908 Datasheet
439Kb / 12P
DS8908B AM/FM Digital Phase-Locked Loop Frequency Synthesizer
CD74ACT297 TI1-CD74ACT297_14 Datasheet
463Kb / 18P
DIGITAL PHASE-LOCKED LOOP
logo
National Semiconductor ...
DS8908B NSC-DS8908B Datasheet
166Kb / 10P
AM/FM Digital Phase-Locked Loop Frequency Synthesizer
June 1990
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com