Electronic Components Datasheet Search
  English  ▼

X  

NCT72 Datasheet(PDF) 19 Page - ON Semiconductor

Part # NCT72
Description  Temperature Monitor with Series Resistance Cancellation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT72 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button NCT72 Datasheet HTML 12Page - ON Semiconductor NCT72 Datasheet HTML 13Page - ON Semiconductor NCT72 Datasheet HTML 14Page - ON Semiconductor NCT72 Datasheet HTML 15Page - ON Semiconductor NCT72 Datasheet HTML 16Page - ON Semiconductor NCT72 Datasheet HTML 17Page - ON Semiconductor NCT72 Datasheet HTML 18Page - ON Semiconductor NCT72 Datasheet HTML 19Page - ON Semiconductor NCT72 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
NCT72
www.onsemi.com
19
PACKAGE DIMENSIONS
WDFN8 2x2, 0.5P
CASE 511AT−01
ISSUE O
C
A
SEATING
PLANE
D
E
0.10 C
A3
A
A1
0.10 C
DIM
A
MIN
MAX
MILLIMETERS
0.70
0.80
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
E
e
L
PIN ONE
REFERENCE
0.05 C
0.05 C
A
0.10 C
NOTE 3
L2
e
b
B
4
8
8X
1
5
0.05 C
L1
2.00 BSC
2.00 BSC
0.50 BSC
0.40
0.60
---
0.15
BOTTOM VIEW
L
7X
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
DETAIL B
DETAIL A
L2
0.50
0.70
B
TOP VIEW
SIDE VIEW
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30 MM FROM TERMINAL TIP.
2X
2X
8X
e/2
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
2.30
0.50
0.78
7X
DIMENSIONS: MILLIMETERS
0.30
PITCH
8X
1
PACKAGE
OUTLINE
RECOMMENDED
0.88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com