Electronic Components Datasheet Search
  English  ▼

X  

NCT72 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCT72
Description  Temperature Monitor with Series Resistance Cancellation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT72 Datasheet(HTML) 2 Page - ON Semiconductor

  NCT72 Datasheet HTML 1Page - ON Semiconductor NCT72 Datasheet HTML 2Page - ON Semiconductor NCT72 Datasheet HTML 3Page - ON Semiconductor NCT72 Datasheet HTML 4Page - ON Semiconductor NCT72 Datasheet HTML 5Page - ON Semiconductor NCT72 Datasheet HTML 6Page - ON Semiconductor NCT72 Datasheet HTML 7Page - ON Semiconductor NCT72 Datasheet HTML 8Page - ON Semiconductor NCT72 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NCT72
www.onsemi.com
2
• Automotive
• Embedded Systems
Figure 1. Functional Block Diagram
ON-CHIP
TEMPERATURE
SENSOR
ANALOG
MUX
BUSY
A-TO-D
CONVERTER
LOCAL TEMPERATURE
VALUE REGISTER
REMOTE OFFSET
REGISTER
RUN/STANDBY
EXTERNAL DIODE OPEN-CIRCUIT
STATUS REGISTER
SMBus/I2C INTERFACE
INTERRUPT
MASKING
SDATA
SCLK
8
7
ADDRESS POINTER
REGISTER
CONVERSION RATE
REGISTER
LOCAL TEMPERATURE
LOW-LIMIT REGISTER
LOCAL TEMPERATURE
HIGH-LIMIT REGISTER
REMOTE TEMPERATURE
LOW-LIMIT REGISTER
REMOTE TEMPERATURE
HIGH-LIMIT REGISTER
LOCAL THERM
LIMIT REGISTERS
EXTERNAL THERM
LIMIT REGISTERS
CONFIGURATION
REGISTERS
4
6
GND
5
VDD
1
NCT72
D+
ALERT/THERM2
THERM
2
D−
3
REMOTE TEMPERATURE
VALUE REGISTER
Table 1. PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
VDD
Positive Supply, 2.8 V to 3.6 V.
2
D+
Positive Connection to Remote Temperature Sensor.
3
D−
Negative Connection to Remote Temperature Sensor.
4
THERM
Open-drain Output. Can be used to turn a fan on/off or throttle a CPU clock in the event of an
overtemperature condition. Requires pullup resistor.
5
GND
Supply Ground Connection.
6
ALERT/THERM2
Open-drain Logic Output Used as Interrupt or SMBus ALERT. This can also be configured as a
second THERM output. Requires pullup resistor.
7
SDATA
Logic Input/Output, SMBus Serial Data. Open-drain Output. Requires pullup resistor.
8
SCLK
Logic Input, SMBus Serial Clock. Requires pullup resistor.
NOTE: The ground slug on 3x3 package can be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com