Electronic Components Datasheet Search
  English  ▼

X  

EMIF04-1502QCF Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF04-1502QCF
Description  4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF04-1502QCF Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF04-1502QCF Datasheet HTML 1Page - STMicroelectronics EMIF04-1502QCF Datasheet HTML 2Page - STMicroelectronics EMIF04-1502QCF Datasheet HTML 3Page - STMicroelectronics EMIF04-1502QCF Datasheet HTML 4Page - STMicroelectronics EMIF04-1502QCF Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMIF04-1502QCF
3/5
Figure 8: Ordering Information Scheme
Figure 5: ESD response to IEC61000-4-2
(+15kV air discharge) on one input (Vin) and on
one output (Vout)
Figure 6: ESD response to IEC61000-4-2 (-15kV
air discharge) on one input (Vin) and on one
output (Vout)
Figure 7: Line capacitance versus applied
voltage (typical value)
Vin
Vout
100ns/d
100ns/d
Vin
Vout
C1=10V/d
C2=5V/d
Vin
Vout
C1=10V/d
100ns/d
C2=5V/d
100ns/d
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Cline (pF)
Vline (V)
EMIF
yy
-
xxx z
QCF
EMI Filter
Number of lines
Information
Package
x = resistance value (Ohms)
z = capacitance value / 10(pF)
or
3 letters = application
2 digits = version
QCF = QFN 2mm x 2mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com