Electronic Components Datasheet Search
  English  ▼

X  

EMIF04-1502QCF Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF04-1502QCF
Description  4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF04-1502QCF Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF04-1502QCF Datasheet HTML 1Page - STMicroelectronics EMIF04-1502QCF Datasheet HTML 2Page - STMicroelectronics EMIF04-1502QCF Datasheet HTML 3Page - STMicroelectronics EMIF04-1502QCF Datasheet HTML 4Page - STMicroelectronics EMIF04-1502QCF Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EMIF04-1502QCF
4/5
Figure 9: QFN Package Mechanical Data
Figure 10: Foot Print dimensions (in millimeters)
L2
L2
E
D
A1
e
D2
W
L
b
E2
b1
r1
A2
A3
A
r
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00 0.032 0.035 0.039
A1
0.03
0.05
0.001 0.002
A2
0.65
0.70
0.75 0.026 0.028 0.030
A3
0.15
0.20
0.25
0.006 0.008 0.010
b
0.16
0.18
0.26 0.006 0.007 0.010
b1
0.17
0.30 0.007
0.012
D
2.00
0.079
D2
0.88
0.98
1.08 0.035 0.039 0.043
E
2.00
0.079
E2
0.46
0.56
0.66 0.018 0.022 0.026
e
0.50
0.020
L
0.20
0.29
0.45 0.008 0.011 0.018
L2
0.13
0.005
r
0.08
0.003
r1
0.08
0.003
W
0.20
0.008
Degress
0°
10°
12°
0°
10°
12°
0.98
1.01
0.33
0.56
0.89
0.28
0.50
3.00
0.34
Table 4: Ordering Information
Note: Further packing information available in the application note
- AN1751: "EMI Filters: Recommendations and measurements"
Part Number
Marking
Package
Weight
Base qty
Delivery mode
EMIF04-1502QCF
F4
QFN
8.4 mg
3000
Tape & reel (7”)
Table 5: Revision History
Date
Revision
Description of Changes
06-Dec-2004
1
First issue



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com