Electronic Components Datasheet Search
  English  ▼

X  

PE350 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE350
Description  SMA Male to SMA Male Cable Using PEP141Coax with HeatShrink, LF Solder, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE350 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE350 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE350 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE350 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE350 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
How to Order
Part Number Configuration:
PE350
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE350-12 = 12 inches long cable
PE350-100cm = 100 cm long cable
SMA Male to SMA Male Cable Using PE-P141 Coax with HeatShrink, LF Solder, RoHS from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable Using PE-P141 Coax with HeatShrink, LF Solder, RoHS PE350
URL:
https://www.pasternack.com/sma-male-sma-male-pe-p141-cable-assembly-pe350-p.aspx
PE350 REV 1.4
RF Cable Assemblies Technical Data Sheet
SMA Male to SMA Male Cable Using PE-
P141 Coax with HeatShrink, LF Solder, RoHS
PE350



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com