Electronic Components Datasheet Search
  English  ▼

X  

PE350 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE350
Description  SMA Male to SMA Male Cable Using PEP141Coax with HeatShrink, LF Solder, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE350 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE350 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE350 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE350 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE350 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Male
• Cable Type: PE-P141
Features
•
Highly durable flexible cable design with a VoP of 70%
•
Thick wall SMA male connectors perform to 26.5 GHz
•
Type N connectors perform to 18 GHz
•
Electrical performance is equivalent to that of a solid wall
141 semi-rigid assembly
•
Shielding effectiveness in excess of 100 dB
•
Operating temperature range of -55 to +125°C
•
RoHS Compliant
•
Custom lengths built same-day
•
100% Continuity, Hi-Pot, and RF Tested
Applications
•
General Purpose
•
Laboratory Use
.
Description
PE-P141 high performance coax assemblies are cost effective designs, ideal for production test environments where rugged
flexible cable assemblies are required. This series includes 26.5 GHz stainless steel SMA male connectors with a thick wall
outer conductor designed to extend the life of the cable assemblies. A heavy-duty boot provides improved strain relief and
adds to the durability of the cable assemblies. 18 GHz stainless steel type N male connectors with hex/knurl coupling nuts are
also available. These cable assemblies are built using double-shielded flexible cable providing excellent shielding greater than
100 dB. All PE-P141 test cables are 100% continuity, Hi-Pot, and RF tested to the published specifications. Custom lengths
are built to order and shipped the same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
26.5
GHz
VSWR
1.45:1
Velocity of Propagation
70
%
RF Shielding
110
dB
Capacitance
29.4 [96.46]
pF/ft [pF/m]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable Using PE-P141 Coax with HeatShrink, LF Solder, RoHS PE350
PE350 REV 1.4
SMA Male to SMA Male Cable Using PE-
P141 Coax with HeatShrink, LF Solder, RoHS
RF Cable Assemblies Technical Data Sheet
PE350


Similar Part No. - PE350

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE350-100CM PASTERNACK-PE350-100CM Datasheet
338Kb / 3P
SMA Male to SMA Male High Performance Test Cable 26 Ghz 100 cm Length Using PE-P141 Coax, RoHS
PE350-12 PASTERNACK-PE350-12 Datasheet
338Kb / 3P
SMA Male to SMA Male High Performance Test Cable 26 Ghz 12 Inch Length Using PE-P141 Coax, RoHS
PE350-12 PASTERNACK-PE350-12 Datasheet
338Kb / 3P
SMA Male to SMA Male High Performance Test Cable 26 Ghz 12 Inch Length Using PE-P141 Coax, RoHS
PE350-120 PASTERNACK-PE350-120 Datasheet
338Kb / 3P
SMA Male to SMA Male High Performance Test Cable 26 Ghz 120 Inch Length Using PE-P141 Coax, RoHS
PE350-150CM PASTERNACK-PE350-150CM Datasheet
338Kb / 3P
SMA Male to SMA Male High Performance Test Cable 26 Ghz 150 cm Length Using PE-P141 Coax, RoHS
More results

Similar Description - PE350

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39437 PASTERNACK-PE39437_16 Datasheet
386Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable Using PESR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-6 PASTERNACK-PE39437-6 Datasheet
387Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 6 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-9 PASTERNACK-PE39437-9 Datasheet
386Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 9 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-12 PASTERNACK-PE39437-12 Datasheet
386Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 12 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-18 PASTERNACK-PE39437-18 Datasheet
387Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 18 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-24 PASTERNACK-PE39437-24 Datasheet
386Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 24 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE350-50CM PASTERNACK-PE350-50CM Datasheet
413Kb / 4P
SMA Male to SMA Male Cable 50 cm Length Using PEP141 Coax with HeatShrink, LF Solder, RoHS
PE354 PASTERNACK-PE354 Datasheet
407Kb / 4P
SMA Male to N Male Cable Using PE-P141 Coax with HeatShrink, LF Solder, RoHS
PE3C2035LF PASTERNACK-PE3C2035LF Datasheet
363Kb / 4P
SMA Male to BNC Male Cable Using RG188 Coax, LF Solder, RoHS
PE3C2360LF-HS PASTERNACK-PE3C2360LF-HS Datasheet
359Kb / 4P
SMA Male to BNC Male Cable Using RG316 Coax with HeatShrink, LF Solder, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com