Electronic Components Datasheet Search
  English  ▼

X  

ES4428 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ES4428
Description  Web/DVD Set-Top Box Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES4428 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ES4428 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
SAM0358-052201
ESS Technology, Inc.
ES4428/ES4427 PRODUCT BRIEF
Name
Number
I/O
Definition
AUX8
18
I/O
General purpose I/O.
TWS
19
I
Transmit audio frame sync.
SPLL_OUT
O
SPLL_OUT is the select PLL output.
AUX9
20
I/O
General purpose I/O.
TSD
21
I
Transmit audio data input.
TBCK
22
I
Transmit audio bit clock.
RWS
23
O
Receive audio frame sync.
SEL_PLL1
I
System and DSCK output clock frequency selection at reset time. The matrix
below lists the available clock frequencies and their respective PLL bit settings..
RSTOUT#
24
O
Reset output.
RSD
33
O
Receive audio data input.
SEL_PLL0
I
Refer to the description and matrix for SEL_PLL1 pin 23.
AUX10
34
I/O
General purpose I/O.
AUX11
35
I/O
Interrupt output to ES4428.
AUX12
36
I/O
CD loader C2PO.
RBCK
37
O
Receive audio bit output clock.
SER_IN
I
SER_IN is the serial input DSC mode. 1 = Serial DSC mode. 0 = Parallel DSC
mode.
AUX13
38
I/O
General purpose I/O.
AUX14
39
I/O
Interrupt input from Modem DSP.
AUX15
40
I/O
IR interrupt Input.
VSSAA
41,51
I
Audio analog ground.
VCM
42
I
ADC Common Mode Reference (CMR) buffer output. CMR is approximately 2.25
V. Bypass to analog ground with 47
µF electrolytic in parallel with 0.1 µF.
VREFP
43
I
DAC and ADC maximum reference. Bypass to VCMR with 10
µF in parallel with 0.1
µF.
VCCAA
44
I
5.0V analog audio power supply.
AOR+,
AOR-
45, 46
O
Right channel output.
AOL-, AOL+
47, 48
O
Left channel output.
MIC2
49
I
Microphone input 2.
MIC1
50
I
Microphone input 1.
VREF
52
I
Internal resistor divider generates Common Mode Reference (CMR) voltage.
Bypass to analog ground with 0.1
µF.
VREFM
53
I
DAC and ADC minimum reference. Bypass to VCMR with 10
µF in parallel
with 0.1
µF.
RSET
54
I
Full scale DAC current adjustment.
COMP
55
I
Compensation pin.
VSSAV
56:57, 62:63
I
Video analog ground
CDAC
58
O
Modulated chrominance output.
VCCAV
59, 60
I
Video VCC, 5 V
Table 2
ES4427 Pin Descriptions (Continued)
SEL_PLL1
SEL_PLL0
DCLK
0
0
Bypass PLL (input mode)
0
1
27 MHz (output mode) Default
1
0
32.4 MHz (output mode)
1
1
40.5 MHz (output mode)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com