Electronic Components Datasheet Search
  English  ▼

X  

ES4428 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ES4428
Description  Web/DVD Set-Top Box Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES4428 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ES4428 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES4428 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
SAM0358-052201
ESS Technology, Inc.
ES4428/ES4427 PRODUCT BRIEF
SYSTEM BLOCK DIAGRAM
Figure 3 shows a sample system block diagram of an
ESS-based Web/DVD system.
Figure 3 ES4428/ES4427 System Block Diagram
Name
Number
I/O
Definition
YDAC
61
O
Y luminance data bus for screen video port.
VDAC
64
O
Composite video output.
ACAP
65
I
Audio CAP
AUX6
67
I/O
General purpose I/O.
AUX5
68
I/O
General purpose I/O.
AUX4
69
I/O
Modem DSP reset.
AUX3
70
I/O
CD loader reset.
XOUT
71
O
Crystal output.
XIN
74
I
27 MHz crystal input.
PCLK
79
I/O
13.5 MHz pixel clock.
2XPCLK
80
I/O
27 MHz doubled pixel clock.
HSYNC#
82
O
Horizontal sync.
VSYNC#
84
O
Vertical sync.
YUV[7:0]
86:89, 92, 94, 96, 98
I
YUV data bus for screen video port.
Table 2
ES4427 Pin Descriptions (Continued)
Interface
Front Panel
SDRAM
ROM or
Flash ROM
Phone
Remote
Control/
Keyboard
Processor
ES2828
ES4428
MC’97 AFE
ES2898
Modem DSP
ES4427
Wireless
Web/DVD
Line
Companion Chip
DAC
Audio
Encoder
Video
(ISO 7816-3)
Smart Card
Drive
DVD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com