Electronic Components Datasheet Search
  English  ▼

X  

FAR Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # FAR
Description  Piezoelectric Resonator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR Datasheet(HTML) 2 Page - fujitsu semiconductor

  FAR Datasheet HTML 1Page - fujitsu semiconductor FAR Datasheet HTML 2Page - fujitsu semiconductor FAR Datasheet HTML 3Page - fujitsu semiconductor FAR Datasheet HTML 4Page - fujitsu semiconductor FAR Datasheet HTML 5Page - fujitsu semiconductor FAR Datasheet HTML 6Page - fujitsu semiconductor FAR Datasheet HTML 7Page - fujitsu semiconductor FAR Datasheet HTML 8Page - fujitsu semiconductor FAR Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FAR Family (C4 series G type)
s STANDARD CHARACTERISTICS
Series
C4 series (G type)
Remarks
Parameter
Material
Lithium Niobate (LiNbO3)
Frequency
8 to 16 MHz
Standard frequency
See “s Standard Frequency.”
Initial frequency
deviation
±0.5% (µ)
Temperature
characteristics
(–20
°C to 60°C)
±0.5%
Capacity of built-in
capacitor
20±8 pF (Standard)
10±4 pF type are also available.
However, the characteristics of 10±4 pF type
should be specified by Fujitsu, considering
matching data with applied IC (mainly
microcomputer.)
Aging stability
Within ±0.1%
Operating temperature
–30
°C to +85°C
Storage temperature
–40
°C to +100°C
Standard measuring
circuit
8 MHz to 10 MHz
IC: 1/6 MB84069B x 2
10 MHz to 16 MHz
IC: 1/6 MC74HC04 x 2
• VCC=5 V DC
• R : Resonator
• C1, C2 : Loading capacitance (built-in)
(1) Oscillation frequency
(2) Serial resonant resistance
Measuring equipment: Network analyzer
R: Resonator
R
75
Ω
75
Ω
C1 C2
C1
C2
OSC
1 M
Ω
LM
R
1
3
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com