Electronic Components Datasheet Search
  English  ▼

X  

FX623 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FX623
Description  Call Progress Tone Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FX623 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FX623 Datasheet HTML 1Page - List of Unclassifed Manufacturers FX623 Datasheet HTML 2Page - List of Unclassifed Manufacturers FX623 Datasheet HTML 3Page - List of Unclassifed Manufacturers FX623 Datasheet HTML 4Page - List of Unclassifed Manufacturers FX623 Datasheet HTML 5Page - List of Unclassifed Manufacturers FX623 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Application Information
V
DD
V
DD
C 1
R 1
C 4
X 1
R 2
C 3
C 2
V
SS
V
SS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
FX623P
XTAL/CLOCK
P URS
DATA CHANGE
SIGNAL IN
COMPOSITE SIGNAL IN
A HEX Code
Output representing
the decoded tone
frequency
See Table 1
DATA OUTPUTS
Q3
Q0
Q1
Q2
V
SS
C 5
XTAL
HOLD
IRQ
CS
Fig.2 Recommended External Components
Band Edges (Hz)
Nominal
Hex
Output Code
Lower
Upper
Centre
Character Q3 Q2 Q1 Q0
Edge
Edge
Freq.
0
0000
364
386
375
1
0001
488
520
500
2
0010
520
580
550
3
0011
580
618
600
4
0100
386
412
400
5
0101
412
436
425
6
0110
436
463
450
7
0111
463
487
475
8
1000
900
1008
950
9
1001
1273
1325
1300
A
1010
1350
1455
1400
B
1011
1750
1855
1800
C
1100
2062
2140
2100
D
1101
frequency not guaranteed
E
1110
frequency not guaranteed
F
1111
NOTONE
Table 1 Tone Decode Frequencies
Timing Information
With CS Low - Figure 3.
After initial power-up and the Hold input inactive
(High), as frequencies are input, with the Data Change
output as an active (High) indicator, the data is
presented at the Data Outputs.
If/when the Hold input is placed active (Low), the
data at the Data Outputs is frozen and the Data
Change output held High at its next active excursion -
until the Hold input is returned High.
With the Hold input held High - Figure 4.
As frequencies are input a correct decode will
produce an active (Low) interrupt level.
This interrupt (IRQ) is serviced and reset by an
active (Low) CS input.
Note the ‘valid data’ period at the Data Outputs.
Component
Value
R
1
1.0M
Ω
R
2
1.0M
Ω
C
1
47.0nF
C
2
4.7nF
C
3
33.0pF
C
4
33.0pF
C
5
1.0µF
X
1
3.579545MHz
Tolerances R = ±10%
C = ±20%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com