Electronic Components Datasheet Search
  English  ▼

X  

FX623 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FX623
Description  Call Progress Tone Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FX623 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FX623 Datasheet HTML 1Page - List of Unclassifed Manufacturers FX623 Datasheet HTML 2Page - List of Unclassifed Manufacturers FX623 Datasheet HTML 3Page - List of Unclassifed Manufacturers FX623 Datasheet HTML 4Page - List of Unclassifed Manufacturers FX623 Datasheet HTML 5Page - List of Unclassifed Manufacturers FX623 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT INFORMATION
Publication D/623/3 July 1994
Provisional Issue
CML Semiconductor Products
FX623 Call Progress Tone Decoder
Features
Measures Call Progress Tone
Frequencies
[‘Busy’, ‘Dial’, ‘Fax-Tone’ etc.]
Telephone, PABX, Fax and
Dial-Up Modem Applications
Low-Power Requirement
(600µA at 3.3 Volts
TYP)
for Line-Powered Applications
Custom Tone Decoder
[13 Call-Progress Frequencies
Recognized]
Operates to a 3.579545MHz
Telephone System Clock
Operates Under Simple Logic
or µProcessor System Control
The FX623 is a low-power decoding microcircuit that
measures the frequency of telephone system call
progress tones.
With progress signals input from the telephone line,
this single-chip product is programmed to recognize up
to thirteen of the World's most commonly used
call-progress frequencies, analyze signal quality and
present the measured result as a 4-bit parallel data
word at the tri-state Data Output.
Using the parallel information from the FX623, the
host system suitably configured, can recognize such
call progress information as: ‘Dial’, ‘Busy’, ‘Number
Unobtainable’, ‘Ringing’ and Fax/Modem system
signals.
Brief Description
This information can then be employed in telephone
applications (simple or complex) to control telephone
operations. The data output will require a suitable
software format to analyze the frequency information
from the FX623.
Requiring only a single 3.0
[MIN] volt power supply, the
FX623 may be line-powered and will operate under
simple logic or system µProcessor control using the
'Data-Change, 'Hold' and 'Chip-Select' functions.
The FX623, whose small size and low power
consumption makes it ideal for remote applications,
requires a 3.579545MHz telephone system clock or Xtal
input, is available in a 16-pin plastic DIL package.
Fig.1 Functional Block Diagram
XTAL/CLOCK
OSCILLATOR
SIGNAL IN
XTAL/CLOCK
Clocks
Clocks
DATA
CHANGE
DATA
OUTPUTS
Q0
Q1
Q2
Q3
IRQ
V
DD
VSS
CONTROL
CIRCUITRY
TIMER
CHIP SELECT
HOLD
PURS
DIGITAL
FILTER
OUTPUT
LATCHES
LIMITER
XTAL
MEASUREMENT
AND
DECODE
FX623


Similar Part No. - FX623

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
Call Progress Tone Decoder
FX623P CMLMICRO-FX623P Datasheet
50Kb / 6P
Call Progress Tone Decoder
More results

Similar Description - FX623

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
Call progress decoder
1986 May 8
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
Call Progress Tone Decoder for Telephone
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
HT9020 HOLTEK-HT9020 Datasheet
476Kb / 12P
Call Progress Tone Decoder & ABR Controller
21st Aug 98
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
Call Progress Tone Decoder
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
FX663 CMLMICRO-FX663 Datasheet
304Kb / 17P
Call Progress Decoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com