Electronic Components Datasheet Search
  English  ▼

X  

AD7787 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7787
Description  Low Power, 2-Channel 24-Bit Sigma-Delta ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7787 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7787 Datasheet HTML 11Page - Analog Devices AD7787 Datasheet HTML 12Page - Analog Devices AD7787 Datasheet HTML 13Page - Analog Devices AD7787 Datasheet HTML 14Page - Analog Devices AD7787 Datasheet HTML 15Page - Analog Devices AD7787 Datasheet HTML 16Page - Analog Devices AD7787 Datasheet HTML 17Page - Analog Devices AD7787 Datasheet HTML 18Page - Analog Devices AD7787 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AD7787
Data Sheet
Rev. A | Page 14 of 20
ADC CIRCUIT INFORMATION
OVERVIEW
The AD7787 is a low power ADC that incorporates an Σ-Δ
modulator, a buffer, and an on-chip digital filter intended for
the measurement of wide dynamic range, low frequency signals,
such as those in pressure transducers, weigh scales, and
temperature measurement applications.
The part has one differential input and one single-ended input. The
inputs can be operated in buffered or unbuffered mode. Buffering
the input channel means that the part can accommodate significant
source impedances on the analog input .The device requires an
external reference of 2.5 nominal. Figure 12 shows the basic
connections required to operate the part.
IN+
10
F
0.1
F
IN–
OUT–
POWER
SUPPLY
OUT+
REFIN
SCLK
DIN
VDD
GND
AIN+
AIN–
AIN2
AD7787
MICROCONTROLLER
CS
DOUT/RDY
THERMISTOR
10k
Figure 12. Basic Connection Diagram
The output rate of the AD7787 (fADC) is user programmable
with the settling time equal to 2 × tADC. Normal mode rejection
is the major function of the digital filter. Table 12 lists the
available update rates from the AD7787. Simultaneous 50 Hz
and 60 Hz rejection is optimized when the update rate equals
16.6 Hz as notches are placed at both 50 Hz and 60 Hz with this
update rate (see Figure 6).
NOISE PERFORMANCE
Table 13 shows the output rms noise, rms resolution, and peak-
to-peak resolution (rounded to the nearest 0.5 LSB) for the
different update rates and input ranges for the AD7787. The
numbers given are for the bipolar input range with a reference
of 2.5 V. These numbers are typical and generated with a
differential input voltage of 0 V. The peak-to-peak resolution
figures represent the resolution for which there is no code
flicker within a six-sigma limit. The output noise comes from
two sources. The first is the electrical noise in the semiconductor
devices (device noise) used in the implementation of the
modulator. The second is quantization noise, which is added when
the analog input is converted into the digital domain. The device
noise is at a low level and is independent of frequency. The
quantization noise starts at an even lower level but rises rapidly
with increasing frequency to become the dominant noise source.
Table 13. Typical Peak-to-Peak Resolution
(Effective Resolution) vs. Update Rate
Update Rate
Peak-to-Peak
Resolution
Effective
Resolution
9.5
19.5
22
13.3
19
21.5
16.7
19
21.5
16.6
19
21.5
20
18.5
21
33.3
17.5
20
100
14.5
17
120
14
16.5
REDUCED CURRENT MODES
The AD7787 has a current consumption of 160 μA maximum
when operated with a 5 V power supply, the buffer enabled, and
the clock operating at its maximum speed. The clock frequency
can be divided by a factor of 2, 4, or 8 before being applied to
the modulator and filter, resulting in a reduction in the current
consumption of the AD7787. Bits CDIV1 and CDIV0 in the
filter register are used to enter these low power modes (see
Table 14).
When the internal clock is reduced, the update rate is also
reduced. For example, if the filter bits are set to give an update
rate of 16.6 Hz when the AD7787 is operated in full power
mode, the update rate equals 8.3 Hz in divide-by-2 mode. In the
low power modes, there may be some degradation in the ADC
performance.
Table 14. Low Power Mode Selection
CDIV[1:0]
Clock
Typ Current, Buffered (μA)
Typ Current, Unbuffered (μA)
50 Hz/60 Hz Rejection (dB)
00
1
146
75
65
10
1/2
87
45
64
10
1/4
56
30
75
11
1/8
41
25
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com