Electronic Components Datasheet Search
  English  ▼

X  

PE35575 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE35575
Description  SMA Female Bulkhead to MMCX Plug Cable Using RG316 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35575 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE35575 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35575 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35575 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
How to Order
PartNumberConfiguration:
PE35575
-
xx
uu
|
|
|
UnitofMeasure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example: PE35575-12=12incheslongcable
PE35575-100cm = 100 cm long cable
SMA Female Bulkhead to MMCX Plug Cable Using RG316 Coax from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Female Bulkhead to MMCX Plug Cable Using RG316 Coax PE35575
URL:http://www.pasternack.com/sma-female-mmcx-plug-rg316u-cable-assembly-pe35575-p.aspx
PE35575 REV 1.0
PE35575
SMA Female Bulkhead to MMCX Plug Cable Using RG316 Coax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com