Electronic Components Datasheet Search
  English  ▼

X  

PE35575 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE35575
Description  SMA Female Bulkhead to MMCX Plug Cable Using RG316 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35575 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE35575 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35575 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35575 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
SMA Female Bulkhead
Connector 2
MMCX Plug
Cable Type
RG316
Impedance
50 Ohms
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +155 deg C
Size
Diameter
0.312 in [7.92 mm]
.
Weight
0.022 lbs [9.98 g]
Cable Color
Tan
Cable
Cable Type
RG316
Inner Conductor Type
Stranded
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
1
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter
0.098 in [2.49 mm]
Connector 1
Type
SMA Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Connector 2
Type
MMCX Plug
Connector2Specification
BSEN122340
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
InnerConductorPlatingSpecification
30µin.minimum
Body Material and Plating
Brass, Gold
BodyPlatingSpecification
3µin.minimum
DielectricType
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE35575LF. Contact Pasternack if product cannot be found.
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Female Bulkhead to MMCX Plug Cable Using RG316 Coax PE35575
PE35575 REV 1.0
PE35575
SMA Female Bulkhead to MMCX Plug Cable Using RG316 Coax


Similar Part No. - PE35575

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35575-12 PASTERNACK-PE35575-12 Datasheet
359Kb / 3P
SMA Female Bulkhead to MMCX Plug Cable
PE35575-24 PASTERNACK-PE35575-24 Datasheet
360Kb / 3P
SMA Female Bulkhead to MMCX Plug Cable
PE35575-36 PASTERNACK-PE35575-36 Datasheet
359Kb / 3P
SMA Female Bulkhead to MMCX Plug Cable
PE35575-48 PASTERNACK-PE35575-48 Datasheet
360Kb / 3P
SMA Female Bulkhead to MMCX Plug Cable
PE35575-60 PASTERNACK-PE35575-60 Datasheet
359Kb / 3P
SMA Female Bulkhead to MMCX Plug Cable
More results

Similar Description - PE35575

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34686 PASTERNACK-PE34686 Datasheet
376Kb / 3P
SMA Female Bulkhead to MMCX Plug Right Angle Cable Using RG316 Coax, RoHS
PE34686-12 PASTERNACK-PE34686-12 Datasheet
361Kb / 3P
SMA Female Bulkhead to MMCX Plug Right Angle Cable 12 Inch Length Using RG316 Coax, RoHS
PE34686-24 PASTERNACK-PE34686-24 Datasheet
361Kb / 3P
SMA Female Bulkhead to MMCX Plug Right Angle Cable 24 Inch Length Using RG316 Coax, RoHS
PE34686-36 PASTERNACK-PE34686-36 Datasheet
361Kb / 3P
SMA Female Bulkhead to MMCX Plug Right Angle Cable 36 Inch Length Using RG316 Coax, RoHS
PE34686-48 PASTERNACK-PE34686-48 Datasheet
361Kb / 3P
SMA Female Bulkhead to MMCX Plug Right Angle Cable 48 Inch Length Using RG316 Coax, RoHS
PE34122 PASTERNACK-PE34122 Datasheet
660Kb / 4P
SMA Male to MMCX Plug Cable Using RG316 Coax
PE34122LF PASTERNACK-PE34122LF Datasheet
666Kb / 4P
SMA Male to MMCX Plug Cable Using RG316 Coax, RoHS
PE3C4411 PASTERNACK-PE3C4411 Datasheet
460Kb / 5P
SMA Female Bulkhead to SSMC Plug Cable Using RG316 Coax
PE3C4412 PASTERNACK-PE3C4412 Datasheet
459Kb / 5P
SMA Female Bulkhead to SSMC Plug Right Angle Cable Using RG316 Coax
PE3C4440 PASTERNACK-PE3C4440 Datasheet
487Kb / 5P
SMA Female Bulkhead to SSMC Plug Cable Using RG316-DS Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com