Electronic Components Datasheet Search
  English  ▼

X  

PE35591 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE35591
Description  2.92mm Male to 2.92mm Male Precision
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35591 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE35591 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35591 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35591 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE35591 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Frequency 6
Frequency, GHz
40
VSWR
1.29:1
Insertion Loss
2.2 dB/ft [ 7.22 dB/m ]
Electrical Specification Notes:
Short lengths up to 24” long may exhibit VSWR
measurements up to 9% higher.
Mechanical Specifications
Cable Assembly
Cable Type
095 Series
Temperature
Temperature Operating Range, deg C
-48 to +204
.
One Time Minimum Bend Radius, in [mm]
1 [25.4]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
2
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.095 [2.41]
Connector 1
Type
2.92mm Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
Noryl
Connector 2
Type
2.92mm Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
Noryl
PE35591 REV
PE35591
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Male Precision Cable Using 095 Series Coax, RoHS PE35591
2.92mm Male to 2.92mm Male Precision
Cable Using 095 Series Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com