Electronic Components Datasheet Search
  English  ▼

X  

PE35591 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE35591
Description  2.92mm Male to 2.92mm Male Precision
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35591 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE35591 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35591 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35591 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE35591 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
2.92mm Male to 2.92mm Male Precision Cable Using 095 Series Coax, RoHS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Male Precision Cable Using 095 Series Coax, RoHS PE35591
URL: http://www.pasternack.com/2.92mm-male-2.92mm-male-095-series-cable-assembly-pe35591-p.aspx
PE35591 REV
PE35591
2.92mm Male to 2.92mm Male Precision
Cable Using 095 Series Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com