Electronic Components Datasheet Search
  English  ▼

X  

HT82M99E Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82M99E
Description  USB Mouse Encoder 8-Bit OTP MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M99E Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82M99E Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
HT82M99E
USB Mouse Encoder 8-Bit OTP MCU
Block Diagram
Rev. 1.50
1
November 19, 2004
General Description
The USB MCU OTP body is suitable for USB mouse
and USB joystick devices. It consists of a Holtek high
performance 8-bit MCU core for control unit, built-in
USB SIE, 2K
´14 EPROM and 96 bytes data RAM.
Features
· Flexible total solution for applications that combine
PS/2 and low-speed USB interface, such as mice,
joysticks, and many others
· USB Specification Compliance
- Conforms to USB specification V1.1
- Conforms to USB HID specification V1.1
· Supports 1 Low-speed USB control endpoint and 1
interrupt endpoint
· Each endpoint has 8´8 bytes FIFO
· Integrated USB transceiver
· 3.3V regulator output
· External 6MHz or 12MHz ceramic resonator or crys-
tal
· 8-bit RISC microcontroller, with 2K´14 EPROM
(000H~7FFH)
· 96 bytes RAM (20H~7FH)
· 6MHz/12MHz internal CPU clock
· 4-level stacks
· Two 7-bit indirect addressing registers
· One 16-bit programmable timer counter with over-
flow interrupt (shared with PA7, vector 0CH)
· One USB interrupt input (vector 04H)
· HALT function and wake-up feature reduce power
consumption
· PA0~PA7, PB4 and PB7 support wake-up function
· Internal Power-On reset (POR)
· Watchdog Timer (WDT)
· 12 I/O ports
· 18/20-pin DIP, 18/20-pin SOP package
O S C 2
O S C 1
R E S
V D D
M U X
T M R C
T M R L
T M R H
V S S
P r o g r a m
R O M
P r o g r a m
C o u n t e r
I n t e r r u p t
C i r c u i t
S T A C K
I N T C
D A T A
M e m o r y
I n s t r u c t i o n
R e g i s t e r
M
U
X
I n s t r u c t i o n
D e c o d e r
S T A T U S
A L U
S h i f t e r
T i m i n g
G e n e r a t o r
A C C
M
U
X
M P
S Y S C L K / 4
W D T S
W D T
W D T O S C
W D T P r e s c a l e r
M
U
X
E N / D I S
P B C
P O R T B
P B
P A C
P O R T A
P A
f S Y S / 4
P A 7 / T M R
U S B 1 . 1
P S 2
B P
U S B D + / C L K U S B D - / D A T A V 3 3 O
P A 0 ~ P A 6
P A 7 / T M R
P B 2 ~ P B 4 ,
P B 7


Similar Part No. - HT82M99E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M99EE HOLTEK-HT82M99EE Datasheet
367Kb / 47P
USB Mouse Encoder 8-Bit MCU
February 8, 2006
HT82M99EE HOLTEK-HT82M99EE_08 Datasheet
326Kb / 44P
USB Mouse Encoder 8-Bit MCU
HT82M99E HOLTEK-HT82M99E_11 Datasheet
300Kb / 50P
USB Mouse Encoder 8-Bit MCU
More results

Similar Description - HT82M99E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
8-Bit USB Multimedia Keyboard Encoder OTP MCU
April 22, 2004
HT82J97E HOLTEK-HT82J97E Datasheet
314Kb / 46P
USB Joystick Encoder 8-Bit OTP MCU
May 10, 2004
HT82M99EE HOLTEK-HT82M99EE Datasheet
367Kb / 47P
USB Mouse Encoder 8-Bit MCU
February 8, 2006
HT82M9AEE HOLTEK-HT82M9AEE Datasheet
315Kb / 48P
USB Mouse Encoder 8-Bit MCU with EEPROM
August 13, 2007
HT82M9BEE HOLTEK-HT82M9BEE Datasheet
323Kb / 47P
USB Mouse Encoder 8-Bit MCU with EEPROM
August 13, 2007
HT82M9AE HOLTEK-HT82M9AE_09 Datasheet
291Kb / 46P
USB Mouse Encoder 8-Bit MCU
October 21, 2009
HT82M99E HOLTEK-HT82M99E_11 Datasheet
300Kb / 50P
USB Mouse Encoder 8-Bit MCU
HT82M99EE HOLTEK-HT82M99EE_08 Datasheet
326Kb / 44P
USB Mouse Encoder 8-Bit MCU
HT82M9BE HOLTEK-HT82M9BE_08 Datasheet
294Kb / 44P
USB Mouse Encoder 8-Bit MCU
December 22, 2008
HT82M9BEE HOLTEK-HT82M9BEE_08 Datasheet
305Kb / 44P
USB Mouse Encoder 8-Bit MCU with EEPROM
December 22, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com