Electronic Components Datasheet Search
  English  ▼

X  

HT82M99E Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT82M99E
Description  USB Mouse Encoder 8-Bit OTP MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M99E Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT82M99E Datasheet HTML 10Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 11Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 12Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 13Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 14Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 15Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 16Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 17Page - Holtek Semiconductor Inc HT82M99E Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
HT82M99E
Rev. 1.50
14
November 19, 2004
bit (TON; bit 4 of TMRC) should be set to 1. In the pulse
width measurement mode, the TON will be cleared au-
tomatically after the measurement cycle is completed.
But in the other two modes the TON can only be reset by
instructions. The overflow of the timer/event counter is
one of the wake-up sources. No matter what the opera-
tion mode is, writing a 0 to ET can disable the corre-
sponding interrupt services.
In the case of timer/event counter OFF condition, writing
data to the timer/event counter preload register will also
reload that data to the timer/event counter. But if the
timer/event counter is turned on, data written to it will
only be kept in the timer/event counter preload register.
The timer/event counter will still operate until overflow
occurs (a timer/event counter reloading will occur at the
same time). When the timer/event counter (reading
TMR) is read, the clock will be blocked to avoid errors.
As clock blocking may result in a counting error, this
must be taken into consideration by the programmer.
Input/Output Ports
There are 12 bidirectional input/output lines in the
microcontroller, labeled from PA to PB, which are
mapped to the data memory of [12H] and [14H] respec-
tively. All of these I/O ports can be used for input and
output operations. For input operation, these ports are
non-latching, that is, the inputs must be ready at the T2
rising edge of instruction
²MOV A,[m]² (m=12H or 14H).
For output operation, all the data is latched and remains
unchanged until the output latch is rewritten.
Each I/O line has its own control register (PAC and PBC)
to control the input/output configuration. With this con-
trol register, CMOS/NMOS/PMOS output or Schmitt
trigger input with or without pull-high/low resistor struc-
tures can be reconfigured dynamically under software
control. To function as an input, the corresponding latch
of the control register must write a
²1². The input source
also depends on the control register. If the control regis-
ter bit is
²1², the input will read the pad state. If the con-
trol register bit is
²0², the contents of the latches will
move to the internal bus. The latter is possible in the
²read-modify-write² instruction. For output function,
CMOS/NMOS/PMOS configurations can be selected
(NMOS and PMOS are available for PA only). These
control registers are mapped to locations 13H and 15H.
After a chip reset, these input/output lines remain at high
levels or in a floating state (depending on the
pull-high/low options). Each bit of these input/output
latches can be set or cleared by
²SET [m].i² and ²CLR
[m].i
² (m=12H or 14H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability of waking-up the
device.
There are pull-high/low (PA only) options available for
I/O lines. Once the pull-high/low option of an I/O line is
selected, the I/O line have pull-high/low resistor. Other-
wise, the pull-high/low resistor is absent. It should be
noted that a non-pull-high/low I/O line operating in input
mode will cause a floating state.
It is recommended that unused or not bonded out I/O
lines should be set as output pins by software instruction
to avoid consuming power under input floating state.
V D D
P B 2 ~ P B 4 ,
P B 7
M
U
X
P A W a k e - u p O p t i o n
R e a d D a t a R e g i s t e r
D
Q
C K
S
D
Q
C K
S
C o n t r o l B i t
P H
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P L
P A W a k e - u p
P A 7 / T M R
P o r t O u t p u t
C o n f i g u r a t i o n
Q
Q
Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com