Electronic Components Datasheet Search
  English  ▼

X  

HAL710 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HAL710
Description  Hall-Effect Sensor with Direction Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL710 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HAL710 Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL710 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL710 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL710 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL710 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL710 Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL710 Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL710 Datasheet HTML 11Page - List of Unclassifed Manufacturers HAL710 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADVANCE INFORMATION
HAL710
Micronas
11
4. Application Notes
4.1. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient
temperature TA).
TJ = TA + ∆T
At static conditions, the following equation is valid:
∆T = I
DD * VDD * Rth
For typical values, use the typical parameters. For
worst case calculation, use the max. parameters for
IDD and Rth, and the max. value for VDD from the appli-
cation.
For all sensors, the junction temperature range TJ is
specified. The maximum ambient temperature TAmax
can be calculated as:
TAmax = TJmax − ∆T
4.2. Extended Operating Conditions
All sensors fulfil the electrical and magnetic character-
istics when operated within the Recommended Oper-
ating Conditions (see page 8)
Supply Voltage Below 3.8 V
Typically, the sensors operate with supply voltages
above 3 V, however, below 3.8 V some characteristics
may be outside the specification.
Note: The functionality of the sensor below 3.8 V is not
tested. For special test conditions, please contact Mic-
ronas.
4.3. Signal Delay
The extra circuitry required for the direction detection
increases the latency of the ‘Count and Direction Sig-
nal’ compared to a simple switch (e.g. HAL 525). This
extra delay corresponds to 0.5 and 1 clock period for
the ‘Direction Signal’ and ‘Count Signal’ respectively.
4.4. Test Mode Activation
In order to obtain the normal operation as described
above, two external pull-up resistors with appropriate
values are required to connect each output to an exter-
nal supply, such that the potential at the open-drain
output rises to at least 3 V in less than 10
µs after hav-
ing turned off the corresponding pull-down transistor or
after having applied VDD.
If the ‘Direction Output’ is pulled low externally (the
potential does not rise after the internal pull-down tran-
sistor has been turned off), the device enters Manufac-
turer Test Mode.
Direction Detection is not functional in Manufacturer
Test Mode. The device returns to ‘Normal Operation’
as soon as the ‘Count Output’ goes high.
Please note, that the presence of a Manufacturer Test
Mode requires appropriate measures to prevent acci-
dental activation (e.g. in response to EMC events).
4.5. Start-up Behavior
Due to the active offset compensation, the sensors
have an initialization time (enable time ten(O)) after
applying the supply voltage. The parameter ten(O) is
specified in the Electrical Characteristics (see page 9)
During the initialization time, the output states are not
defined and the outputs can toggle. After ten(O) both
outputs will be either high or low for a stable magnetic
field (no toggling) and the ‘Count Output’ will be low if
the applied magnetic field B exceeds BON. The ‘Count
Output’ will be high if B drops below BOFF. The ‘Direc-
tion Output’ will have the correct state after the second
edge (rising or falling) in the same direction.
The device contains a Power-On Reset circuit (POR)
generating a reset when VDD rises. This signal is used
to initialize both outputs in the ‘Off-state’ (i.e. Output
High) and to disable Test Mode. The generation of this
Reset Signal is guaranteed when VDD at the chip rises
to minimum 3.8 V in less than 4
µs monotonically. If
this condition is violated, the internal reset signal might
be missing. Under these circumstances the chip will
still operate according to the specification, but the risk
of toggling outputs during ten(O) increases and for mag-
netic fields between BOFF and BON, the output states
of the Hall sensor after applying VDD will be either low
or high. In order to achieve a well defined output state,
the applied magnetic field then must exceed BONmax,
respectively drop below BOFFmin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com