Electronic Components Datasheet Search
  English  ▼

X  

KT347 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # KT347
Description  Polyester Film Capacitors KT Radial Epoxy Lacquered Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

KT347 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  KT347 Datasheet HTML 1Page - Vaishali Semiconductor KT347 Datasheet HTML 2Page - Vaishali Semiconductor KT347 Datasheet HTML 3Page - Vaishali Semiconductor KT347 Datasheet HTML 4Page - Vaishali Semiconductor KT347 Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 28113
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 28-Feb-05
131
KT 347
Polyester Film Capacitors
KT Radial Epoxy Lacquered Type
Vishay BCcomponents
COMPOSITION OF CATALOG NUMBER
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
C
≤ 0.47 µF
≤60 × 10−4
≤110 × 10−4
Rated voltage pulse slope (dU/dt)R
at 100 V (DC)
at 250 V (DC)
at 400 V (DC)
at 630 V (DC)
10000 V/
µs10000 V/µs
10000 V/
µs
10000 V/
µs
R between leads, for C
≤ 0.33 µF at 100 V; 1 minute
>50000 MΩ>50000 MΩ>50000 MΩ>50000 MΩ
RC between leads, for C
> 0.33 µF at 100 V; 1 minute
>16500 s
>16500 s
R between interconnected leads and case (foil method)
>30000 MΩ
Withstanding (DC) voltage (cut off current 10 mA);
rise time 100 V/s
200 V; 1 minute
500 V; 1 minute
800 V; 1 minute
1260 V; 1 minute
Withstanding (DC) voltage between leads and case
200 V; 1 minute
500 V; 1 minute
800 V; 1 minute
1260 V; 1 minute
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL
100 V
250 V
400 V
630 V
347
loose in box
lead length 4.0
+1.0/−0.5 mm
±10%
21
41
51
61
loose in box
(lock lead)
lead length 4.0
+1.0/−0.5 mm
±10%
90
90
90
90
height dimensions given in parenthesis.
ON REQUEST
347
loose in box
lead length 4.0
+1.0/−0.5 mm
±20%
20
40
50
60
2222
347
XX XX X
TYPE AND PITCHES
347
10.0 mm
15.0 mm
22.5 mm
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically; but not
for lock lead)
Example:
104
= 10 x 10 = 100 nF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com