Electronic Components Datasheet Search
  English  ▼

X  

KT347 Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part # KT347
Description  Polyester Film Capacitors KT Radial Epoxy Lacquered Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

KT347 Datasheet(HTML) 4 Page - Vaishali Semiconductor

  KT347 Datasheet HTML 1Page - Vaishali Semiconductor KT347 Datasheet HTML 2Page - Vaishali Semiconductor KT347 Datasheet HTML 3Page - Vaishali Semiconductor KT347 Datasheet HTML 4Page - Vaishali Semiconductor KT347 Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 28113
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 28-Feb-05
133
KT 347
Polyester Film Capacitors
KT Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc = 400 V; URac = 125 V; Up-p = 350 V
0.056
7.5
× 16.0 (19.0) × 19.0
1.6
41563
2000
90226
1000
0.068
8.0
× 16.5 (19.5) × 19.0
1.8
41683
2000
90234
1000
0.082
8.5
× 17.0 (20.0) × 19.0
2.1
41823
1000
90263
900
Pitch
= 22.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
lock lead
0.1
7.5
× 18.0 (21.0) × 27.0
2.7
41104
1000
90215
800
0.12
7.5
× 18.5 (21.5) × 27.0
3.0
41124
1000
90264
800
0.15
8.0
× 19.5 (22.5) × 27.0
3.5
41154
500
90216
500
0.18
9.0
× 20.0 (23.0) × 27.0
4.0
41184
500
90265
450
0.22
10.0
× 21.0 (24.0) × 27.0
4.5
41224
500
90217
400
0.27
11.0
× 22.0 (25.0) × 27.0
5.3
41274
500
90266
350
C
(
µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 347 ..... AND PACKAGING
LOOSE IN BOX; lt = 4.0 +1.0/−0.5 mm
C-tol
=±10%
C-tol
=±10%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
Pitch
= 10.0 ±0.4 mm; d
t = 0.60 ±0.06 mm
lock lead
0.0047
5.5
× 13.0 (16.0) × 13.5
0.7
51472
2000
90237
1250
0.0056
51562
90267
0.0068
51682
90268
0.0082
51822
90269
0.01
6.0
× 13.5 (16.5) × 13.5
0.7
51103
2000
90218
2000
0.012
6.5
× 14.0 (17.0) × 13.5
0.8
51123
2000
90221
1750
0.015
7.0
× 14.5 (17.5) × 13.5
0.9
51153
2000
90219
1750
Pitch
= 15.0 ±0.4 mm; d
t = 0.80 ±0.08 mm
lock lead
0.018
5.5
× 14.0 (17.0) × 19.0
1.1
51183
2000
90222
1500
0.022
6.0
× 14.5 (17.5) × 19.0
1.2
51223
2000
90223
1500
0.027
7.0
× 15.5 (18.5) × 19.0
1.4
51273
2000
90232
1250
0.033
7.5
× 16.0 (19.0) × 19.0
1.6
51333
2000
90227
1000
0.039
8.0
× 16.5 (19.5) × 19.0
1.8
51393
2000
90228
1000
0.047
8.5
× 17.0 (20.0) × 19.0
2.1
51473
1000
90229
900
Pitch
= 22.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
lock lead
0.056
7.5
× 18.0 (21.0) × 27.0
2.5
51563
1000
90231
800
0.068
7.5
× 18.5 (21.5) × 27.0
2.9
51683
1000
90271
800
0.082
8.0
× 19.5 (22.5) × 27.0
3.2
51823
500
90272
500
0.1
9.0
× 20.0 (23.0) × 27.0
3.8
51104
500
90273
450
0.12
10.0
× 21.0 (24.0) × 27.0
4.4
51124
500
90274
400
0.15
11.0
× 22.0 (25.0) × 27.0
5.2
51154
500
90275
350
C
(
µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 347 ..... AND PACKAGING
LOOSE IN BOX; lt = 4.0 +1.0/−0.5 mm
C-tol
=±10%
C-tol
=±10%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com