Electronic Components Datasheet Search
  English  ▼

X  

PE4151 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4151
Description  TNC Female Bulkhead Mount Connector Crimp/Sold Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4151 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4151 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4151 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4151 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30 µin minimum
Insulation
PTFE
Body
Brass
Nickel
100 µin minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
TNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-C195, PE-P195, LMR-195,
0.195 inch, .480 inch D Hole from Pasternack Enterprises has same day shipment for domestic and International orders. Our
RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, RG141,
PE-C195, PE-P195, LMR-195, 0.195 inch, .480 inch D Hole PE4151
URL: https://www.pasternack.com/tnc-female-standard-rg58-connector-pe4151-p.aspx
PE4151 REV 1.1
RF Connectors Technical Data Sheet
PE4151
TNC Female Bulkhead Mount Connector Crimp/Solder
Attachment for RG58, RG303, RG141, PE-C195, PE-
P195, LMR-195, 0.195 inch, .480 inch D Hole



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com