Electronic Components Datasheet Search
  English  ▼

X  

PE4151 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4151
Description  TNC Female Bulkhead Mount Connector Crimp/Sold Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4151 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4151 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4151 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4151 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG58, RG303, RG141, PE-C195, PE-P195, LMR-
195, 0.195 inch Interface Type
• Crimp/Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 4 GHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
.
Description
Pasternack’s PE4151 TNC female bulkhead connector with crimp/solder attachment for RG58, RG303, RG141, PE-C195,
PE-P195, LMR-195 and 0.195 inch (.480 inch D hole) is part of our full line of RF components available for same-day shipping.
Our TNC female connector operates up to a maximum frequency of 4 GHz and offers good VSWR of 1.5:1. This TNC bulkhead
connector allows designers to create external connections on their product enclosures, and can be used in a variety of other
rack mount and panel mount applications.
Our TNC female bulkhead connector PE4151 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.5:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.42 in [36.07 mm]
Width/Dia.
0.689 in [17.50 mm]
.
Weight
0.039 lbs [17.69 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, RG141,
PE-C195, PE-P195, LMR-195, 0.195 inch, .480 inch D Hole PE4151
PE4151 REV 1.1
TNC Female Bulkhead Mount Connector Crimp/Solder
Attachment for RG58, RG303, RG141, PE-C195, PE-
P195, LMR-195, 0.195 inch, .480 inch D Hole
RF Connectors Technical Data Sheet
PE4151


Similar Part No. - PE4151

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4151 PASTERNACK-PE4151 Datasheet
268Kb / 2P
TNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
logo
Peregrine Semiconductor
PE4151 PSEMI-PE4151 Datasheet
815Kb / 15P
Low Frequency Passive Mixer with Integrated LO Amplifier
PE4151MLAA-Z PSEMI-PE4151MLAA-Z Datasheet
815Kb / 15P
Low Frequency Passive Mixer with Integrated LO Amplifier
More results

Similar Description - PE4151

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4147 PASTERNACK-PE4147_16 Datasheet
317Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment
PE4148 PASTERNACK-PE4148_16 Datasheet
321Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment
PE4152 PASTERNACK-PE4152_16 Datasheet
395Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4306 PASTERNACK-PE4306_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
PE4442 PASTERNACK-PE4442_16 Datasheet
321Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4464 PASTERNACK-PE4464_16 Datasheet
324Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4466 PASTERNACK-PE4466_17 Datasheet
420Kb / 3P
TNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4468 PASTERNACK-PE4468_16 Datasheet
349Kb / 3P
TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
PE4469 PASTERNACK-PE4469_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4471 PASTERNACK-PE4471_16 Datasheet
345Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com