Electronic Components Datasheet Search
  English  ▼

X  

90N20 Datasheet(PDF) 4 Page - IXYS Corporation

Part # 90N20
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

90N20 Datasheet(HTML) 4 Page - IXYS Corporation

  90N20 Datasheet HTML 1Page - IXYS Corporation 90N20 Datasheet HTML 2Page - IXYS Corporation 90N20 Datasheet HTML 3Page - IXYS Corporation 90N20 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
Fig.10 Transient Thermal Impedance
T
J = 25°C
V
SD - Volts
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
Pulse Width - Seconds
0.001
0.01
0.1
1
0.01
0.1
V
DS - Volts
0
5
10
15
20
25
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
C
rss
C
oss
C
iss
Gate Charge - nCoulombs
0
50
100 150 200 250 300 350 400
0
2
4
6
8
10
12
14
V
DS = 100V
I
D = 50A
I
G = 10mA
f = 1MHz
V
DS = 25V
T
J = 125°C
0.5
Fig.7 Gate Charge Characteristic Curve
Fig.8 Capacitance Curves
Fig.9 Source Current vs. Source
to Drain Voltage
IXFK100N20
IXFN90N20
IXFN106N20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com