Electronic Components Datasheet Search
  English  ▼

X  

90N20 Datasheet(PDF) 1 Page - IXYS Corporation

Part # 90N20
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

90N20 Datasheet(HTML) 1 Page - IXYS Corporation

  90N20 Datasheet HTML 1Page - IXYS Corporation 90N20 Datasheet HTML 2Page - IXYS Corporation 90N20 Datasheet HTML 3Page - IXYS Corporation 90N20 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 - 4
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
IXFK
IXFN
IXFN
90N20
100N20 106N20
V
DSS
T
J
= 25
°C to 150°C
200
200
200 V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
200
200
200 V
V
GS
Continuous
±20
±20
20 V
V
GSM
Transient
±30
±30
20 V
I
D25
T
C
= 25
°C, Chip capability
90

100
106 A
I
D80
T
C
= 80
°C, limited by external leads
76
-
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
360
400
424 A
I
AR
T
C
= 25
°C50
50
A
E
AR
T
C
= 25
°C
30
30
30 mJ
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS,
5
5
5 V/ns
T
J £ 150°C, RG = 2 W
P
D
T
C
= 25
°C
500
520
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
-
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
-
2500
V~
I
ISOL £ 1 mA
t = 1 s
-
3000
V~
M
d
Mounting torque
0.9/6
1.5/13
Nm/lb.in.
Terminal connection torque
-
1.5/13
Nm/lb.in.
Weight
10
30
g
HiPerFETTM
Power MOSFETs
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low t
rr
Features
l
International standard packages
q
JEDEC TO-264 AA, epoxy meet
UL94V-0, flammability classification
q
miniBLOC with Aluminium nitride
isolation
q
Low R
DS (on) HDMOS
TM process
q
Rugged polysilicon gate cell structure
q
Unclamped Inductive Switching (UIS)
rated
q
Low package inductance
q
Fast intrinsic Rectifier
Applications
q
DC-DC converters
q
Synchronous rectification
q
Battery chargers
q
Switched-mode and resonant-mode
power supplies
q
DC choppers
q
Temperature and lighting controls
q
Low voltage relays
Advantages
q
Easy to mount
q
Space savings
q
High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1 mA
200
V
V
GH(th)
V
DS
= V
GS, ID = 8 mA
2
4
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±200 nA
I
DSS
V
DS
= 0.8 • V
DSS
T
J = 25°C
400
mA
V
GS = 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
Pulse test, t
£ 300 ms,
IXFK90N20
0.023
W
duty cycle d
£ 2 %
IXFN100N20
0.023
W
IXFN106N20
0.020
W
TO-264 AA (IXFK)
S
G
D
D
S
G
S
G = Gate
D = Drain
S = Source
TAB = Drain
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
S
G
S
D
92804H (7/97)
miniBLOC, SOT-227 B (IXFN)
E153432
(TAB)
V
DSS
I
D25
R
DS(on)
IXFK 90 N 20
200 V
90 A
23 m
W
IXFN 100 N 20
200 V
100 A
23 m
W
IXFN 106 N 20
200 V
106 A
20 m
W
t
rr £ 200 ns
TO-264 AA
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - 90N20

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
90N02 UTC-90N02 Datasheet
131Kb / 3P
90A, 20V N-CHANNEL POWER MOSFET
90N02G-TM3-T UTC-90N02G-TM3-T Datasheet
131Kb / 3P
90A, 20V N-CHANNEL POWER MOSFET
90N02L-TM3-T UTC-90N02L-TM3-T Datasheet
131Kb / 3P
90A, 20V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
90N03 VBSEMI-90N03 Datasheet
1,001Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Wuxi Unigroup Microelec...
90N03AT WUMC-90N03AT Datasheet
404Kb / 8P
30V N-Channel Trench MOSFET(Preliminary)
V1.1
More results

Similar Description - 90N20

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
HiPerFET Power MOSFETs
IXFH10N100 IXYS-IXFH10N100 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFH24N50Q IXYS-IXFH24N50Q Datasheet
134Kb / 4P
HiPerFET Power MOSFETs
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
HiPerFET Power MOSFETs MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com