Electronic Components Datasheet Search
  English  ▼

X  

KESTX01MPAS Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # KESTX01MPAS
Description  400MHz - 460MHz ASK Transmitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

KESTX01MPAS Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button KESTX01MPAS Datasheet HTML 2Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 3Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 4Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 5Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 6Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 7Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 8Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 9Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 10Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
6
KESTX01
Rp = (Rs+ Rr)(Q 2 + 1)
For example, Ls=40nH, fo=433MHz, (Rs+Rr)=2.2
Ω,
Q=50, gives an equivalent parallel resistance of 5.4k
Ω.
Typically the antenna will be d.c. referenced to V
CC
as
shown in the applications diagram. The maximum voltage
swing across the antenna is therefore limited by the RF
saturation voltage of the output PA stage. This is of the order
of 0.5V and hence the peak to peak voltage across the
antenna will be 2*(V
CC
–0.5V) e.g. 9V for V
CC
=5V. This means
that the maximum current that can be driven into the load is
1.7mA (peak–peak at the fundamental) and the external
power control resistor should be set accordingly.
If it is necessary to drive more power into the antenna a
possible way to accomplish this is to perform an impedance
transformation to the antenna.
The antenna also acts as a filter for unwanted, out of band,
harmonic spurii. The use of a balanced output suppresses the
2nd harmonic (and other even order harmonics). The 3rd
harmonic of the fundamental is not automatically suppressed.
However even a Q as low as 10 will reduce the 3rd harmonic
by a further 32dB relative to the fundamental.
Figure 5 Loop antenna
Note: The above application diagram is provided to assist the customer in using the IC and no guarantee can be made as to
its correctness.
Figure 6 Application diagram
Rr
Rs
Lant
Ct
Rp
Lant
Ct
114
2
3
4
5
6
7
13
12
11
10
9
8
C2
R2
C3
VCC
X1
VEE2
C1
VCC
ANTENNA
ASK MODULATION
VCCPA
R1
POWER UP
VEE1
VEE1
C4
C5
L1
L2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com