Electronic Components Datasheet Search
  English  ▼

X  

LMX2604 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2604
Description  Triple-band VCO for GSM900/DCS1800/PCS1900
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2604 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX2604 Datasheet HTML 1Page - National Semiconductor (TI) LMX2604 Datasheet HTML 2Page - National Semiconductor (TI) LMX2604 Datasheet HTML 3Page - National Semiconductor (TI) LMX2604 Datasheet HTML 4Page - National Semiconductor (TI) LMX2604 Datasheet HTML 5Page - National Semiconductor (TI) LMX2604 Datasheet HTML 6Page - National Semiconductor (TI) LMX2604 Datasheet HTML 7Page - National Semiconductor (TI) LMX2604 Datasheet HTML 8Page - National Semiconductor (TI) LMX2604 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics (Continued)
DC Characteristics (V
DD=2.8V, TA=25˚C; unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Logical Input High
Voltage
0.8V
DD
V
DD+0.3
V
V
IL
Logical Input Low
Voltage
-0.3
0.2V
DD
V
I
IH
Logical Input High
Current
-2.5
2.5
µA
I
IL
Logical Input Low
Current
-2.5
2.5
µA
Input Capacitance
5
pF
I
DD,GSM
Supply Current
(Note 8)
18
21
mA
I
DD,DCS/PCS
Supply Current
(Note 8)
15
18
mA
I
std
Standby Current
2.5
µA
Note 8: The current consumption in VCO and driver amplifier is all included
Note 9: For CE, BSW, and CPin pins
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com