Electronic Components Datasheet Search
  English  ▼

X  

LMX2604 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2604
Description  Triple-band VCO for GSM900/DCS1800/PCS1900
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2604 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2604 Datasheet HTML 1Page - National Semiconductor (TI) LMX2604 Datasheet HTML 2Page - National Semiconductor (TI) LMX2604 Datasheet HTML 3Page - National Semiconductor (TI) LMX2604 Datasheet HTML 4Page - National Semiconductor (TI) LMX2604 Datasheet HTML 5Page - National Semiconductor (TI) LMX2604 Datasheet HTML 6Page - National Semiconductor (TI) LMX2604 Datasheet HTML 7Page - National Semiconductor (TI) LMX2604 Datasheet HTML 8Page - National Semiconductor (TI) LMX2604 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LMX2604
Triple-band VCO for GSM900/DCS1800/PCS1900
General Description
The LMX2604 is a fully integrated VCO (Voltage-Controlled
Oscillator) IC designed for GSM900/DCS1800/PCS1900
triple-band application. The IC is ideal for use in the trans-
mitter modulation loop by providing extremely small form
factor and low phase noise. The IC has two VCOs, one for
GSM and a second for DCS/PCS. The IC has two separate
buffer amplifiers to drive an external high power amplifier,
one for GSM900 band and the other one for DCS1800/
PCS1900 bands. The IC also has a differential buffer ampli-
fier to drive a mixer for the offset PLL.
The resonant circuits of the VCOs are fully integrated in the
chip to ease the application of the IC. The high quality factor
of the embedded tank circuit achieves very low phase noise
characteristics at the VCO output. The only required external
components are a couple of supply bypass capacitors and
matching components.
A control pin for controlling the oscillation frequency is
shared by the two VCOs.
The LMX2604 IC is provided in a 20-pin 4x4 LLP (Leadless
Leadframe package).
Features
n
On-chip Triple-band RF VCOs
GSM: 880 MHz to 915 MHz
DCS: 1710 MHz to 1785 MHz
PCS: 1850 MHz to 1910 MHz
n
On-chip tank circuit
n
Low phase noise
— -167 dBc/Hz @ 20 MHz offset in GSM band
— -163 dBc/Hz @ 20 MHz offset in DCS band
— -162 dBc/Hz @ 20 MHz offset in PCS band
n
High output power
— +6 dBm in GSM mode
— +6 dBm in DCS and PCS mode
n
Low current consumption
— 18 mA in GSM mode
— 15 mA in DCS and PCS mode
n
+2.6 V to +3.0 V supply voltage
n
0.25 µm RF CMOS process
n
Small 20-pin 4x4 LLP package
Applications
n
Transmit VCO for GSM, DCS, and PCS
n
Closed loop modulation systems
Functional Block Diagram
20066101
FastLock™ is a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
January 2004
© 2004 National Semiconductor Corporation
DS200661
www.national.com


Similar Part No. - LMX2604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2604 TI1-LMX2604 Datasheet
312Kb / 15P
Triple-band VCO
More results

Similar Description - LMX2604

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1047FN SONY-CXG1047FN Datasheet
104Kb / 9P
Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications
logo
Analog Devices
AD20MSP415 AD-AD20MSP415 Datasheet
66Kb / 8P
GSM/DCS1800/PCS1900 Baseband Processing Chipset
logo
Maxim Integrated Produc...
MAX2651 MAXIM-MAX2651 Datasheet
466Kb / 16P
GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
19-1506; Rev 1; 10/99
logo
Mitsubishi Electric Sem...
BA01303 MITSUBISHI-BA01303 Datasheet
88Kb / 3P
Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
logo
Skyworks Solutions Inc.
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
PA Module for Dual-band GSM900 and DCS1800 Applications
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
Power Amplifier Module for Dual-band GSM900 DCS1800
logo
RF Micro Devices
RF4180 RFMD-RF4180 Datasheet
124Kb / 2P
DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
RF3283 RFMD-RF3283 Datasheet
296Kb / 16P
DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
logo
Texas Instruments
LMX2604 TI1-LMX2604 Datasheet
312Kb / 15P
Triple-band VCO
logo
RF Micro Devices
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com